Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402SFF100F24 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 0402SFF100F24
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0402SFF100F24 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 0402SFF100F24 Datasheet HTML 2Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 3Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 4Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 5Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 6Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 7Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 8Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 9Page - Tyco Electronics 0402SFF100F24 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
80
RoHS Compliant, ELV Compliant
HF Halogen Free
11
10,000
100
1
0.01
0.001
10
100
1
Current (A)
1206SFP Average Time Current Curves
Figure FP3
10,000
100
1
0.01
0.01
1100
10,000
0.0001
Time (s)
1206SFP I2T vs. t Curves
1.0A
1.5A
2.0A
2.5A
3.0A
3.5A
4.0A
4.5A
5.0A
Figure FP4
Note: Curves are nominal
Please go to page 97 for more information for Pulse Tolerant Chip Fuses.
Figure FP1-FP4 Family Performance Curves for Pulse Tolerant Chip Fuses
Cont’d
1206SFP I2T vs. t Curves
10
Current ((A)
A)))
A))
1206SFP Average Time Current Curves


Similar Part No. - 0402SFF100F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
0402SFF100F MACOM-0402SFF100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
0402SFF100F/24 MACOM-0402SFF100F/24 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
More results

Similar Description - 0402SFF100F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com