Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF624ZL-TN3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF624ZL-TN3-T
Description  4.4A, 250V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF624ZL-TN3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UF624ZL-TN3-T Datasheet HTML 1Page - Unisonic Technologies UF624ZL-TN3-T Datasheet HTML 2Page - Unisonic Technologies UF624ZL-TN3-T Datasheet HTML 3Page - Unisonic Technologies UF624ZL-TN3-T Datasheet HTML 4Page - Unisonic Technologies UF624ZL-TN3-T Datasheet HTML 5Page - Unisonic Technologies UF624ZL-TN3-T Datasheet HTML 6Page - Unisonic Technologies UF624ZL-TN3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UF624Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-856.b
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Same Type
as DUT
ISD
VGS
L
Driver
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Peak Diode Recovery dv/dt Test Circuit and Waveforms


Similar Part No. - UF624ZL-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF624 UTC-UF624 Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
UF624G-TN3-R UTC-UF624G-TN3-R Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
UF624G-TN3-T UTC-UF624G-TN3-T Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
UF624L-TN3-R UTC-UF624L-TN3-R Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
UF624L-TN3-T UTC-UF624L-TN3-T Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
More results

Similar Description - UF624ZL-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N70 UTC-4N70_12 Datasheet
246Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
IRF830 FS-IRF830 Datasheet
384Kb / 7P
   4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
   250V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDM3622 FAIRCHILD-FDM3622_07 Datasheet
222Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
logo
Unisonic Technologies
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
   23A, 250V N-CHANNEL POWER MOSFET
12N25 UTC-12N25 Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25V UTC-12N25V Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
UF3N25Z UTC-UF3N25Z Datasheet
150Kb / 3P
   3A, 250V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com