Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITC137P Datasheet(PDF) 5 Page - Clare, Inc.

Part # ITC137P
Description  Integrated Telecom Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

ITC137P Datasheet(HTML) 5 Page - Clare, Inc.

  ITC137P Datasheet HTML 1Page - Clare, Inc. ITC137P Datasheet HTML 2Page - Clare, Inc. ITC137P Datasheet HTML 3Page - Clare, Inc. ITC137P Datasheet HTML 4Page - Clare, Inc. ITC137P Datasheet HTML 5Page - Clare, Inc. ITC137P Datasheet HTML 6Page - Clare, Inc. ITC137P Datasheet HTML 7Page - Clare, Inc. ITC137P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ITC137P
www.clare.com
5
Rev. X
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
ITC137P
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
ITC137P
Typical Turn-On vs.
LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
ITC137P
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
50
ITC137P
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 5mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
ITC137P
Package Power Derating
Temperature (
°C)
25
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
30 35 40 45 50 55 60 65 70 75 80 85
Operating Area
ITC137P
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0 -1.5
-1.0
-0.5
0
0.5
1.0
2.0
1.5
ITC137P
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
µs
100ms
1s
10ms
10s
100s
ITC137P
Single Transistor
Typical Normalized CTR vs. Temperature
(VCE = 0.5V)
Temperature (
°C)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
1mA
2mA
5mA
10mA
15mA
20mA
ITC137P
V-I Characteristics for Test Circuit
IOUT (mA)
20
10
9
8
7
6
5
4
40
60
80
100
120
ITC137P
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
ITC137P
Typical IF for Switch Operation
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
ITC137P
Single Transistor
Typical Normalized CTR vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20


Similar Part No. - ITC137P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
ITC137P IXYS-ITC137P Datasheet
142Kb / 8P
   Integrated Telecom Circuits
ITC137PTR IXYS-ITC137PTR Datasheet
142Kb / 8P
   Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
   Integrated Telecom Circuits
More results

Similar Description - ITC137P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
   Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
   Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
   Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
   Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
   Integrated Telecom Circuits
logo
Clare, Inc.
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
   Integrated Telecom Circuits
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
   Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
   Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
   Integrated Telecom Circuits
logo
IXYS Corporation
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
   Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com