Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITC137P Datasheet(PDF) 6 Page - Clare, Inc.

Part # ITC137P
Description  Integrated Telecom Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

ITC137P Datasheet(HTML) 6 Page - Clare, Inc.

  ITC137P Datasheet HTML 1Page - Clare, Inc. ITC137P Datasheet HTML 2Page - Clare, Inc. ITC137P Datasheet HTML 3Page - Clare, Inc. ITC137P Datasheet HTML 4Page - Clare, Inc. ITC137P Datasheet HTML 5Page - Clare, Inc. ITC137P Datasheet HTML 6Page - Clare, Inc. ITC137P Datasheet HTML 7Page - Clare, Inc. ITC137P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.clare.com
6
ITC137P
Rev. X
ITC137P
Single Transistor
Typical Collector Current vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0
ITC137P
Darlington Transistor
Typical Collector Current vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
16
14
12
10
8
6
4
2
0
ITC137P
Darlington Transistor
Typical Normalized CTR vs. Forward Current
(VCE = 0.8V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
2.5
2.0
1.5
1.0
0.5
0
20
ITC137P
Darlington Transistor
Typical Normalized CTR vs. Temperature
(VCE = 0.8V)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
1mA
2mA
5mA
10mA
15mA
20mA
0
0
8
4
16
12
24
20
28
12
3
4
5
6
78
910
1mA
10mA
5mA
2mA
ITC137P
Typical Transfer Characteristics of
Single Transistor Detector
Collector Emitter Voltage
ITC137P
Typical Transfer Characteristics of
Darlington Transistor
Collector Emitter Voltage
02
4
6
8
10
20
40
60
80
100
120
Ib = 2µA
Ib = 4µA
Ib = 6µA
Ib = 8µA
Ib = 10µA
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.


Similar Part No. - ITC137P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
ITC137P IXYS-ITC137P Datasheet
142Kb / 8P
   Integrated Telecom Circuits
ITC137PTR IXYS-ITC137PTR Datasheet
142Kb / 8P
   Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
   Integrated Telecom Circuits
More results

Similar Description - ITC137P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
   Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
   Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
   Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
   Integrated Telecom Circuits
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
   Integrated Telecom Circuits
logo
Clare, Inc.
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
   Integrated Telecom Circuits
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
   Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
   Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
   Integrated Telecom Circuits
logo
IXYS Corporation
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
   Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com