Electronic Components Datasheet Search |
|
MTN138KS3 Datasheet(PDF) 7 Page - Cystech Electonics Corp. |
|
MTN138KS3 Datasheet(HTML) 7 Page - Cystech Electonics Corp. |
7 / 7 page CYStech Electronics Corp. Spec. No. : C320S3 Issued Date : 2007.11.06 Revised Date : 2013.09.03 Page No. : 7/7 MTN138KS3 CYStek Product Specification SOT-323 Dimension Marking: TE Date Code KN Device Code Style: Pin 1.Gate 2.Source 3.Drain 3-Lead SOT-323 Plastic Surface Mounted Package CYStek Package Code: S3 Millimeters Inches Millimeters Inches DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.900 1.100 0.035 0.043 E1 2.150 2.450 0.085 0.096 A1 0.000 0.100 0.000 0.004 e 0.650 TYP 0.026 TYP A2 0.900 1.000 0.035 0.039 e1 1.200 1.400 0.047 0.055 b 0.200 0.400 0.008 0.016 L 0.525 REF 0.021 REF c 0.080 0.150 0.003 0.006 L1 0.260 0.460 0.010 0.018 D 2.000 2.200 0.079 0.087 θ 0° 8° 0° 8° E 1.150 1.350 0.045 0.053 Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: • Lead: Pure tin plated. • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0. Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. • CYStek reserves the right to make changes to its products without notice. • CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. |
Similar Part No. - MTN138KS3 |
|
Similar Description - MTN138KS3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |