Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT4450G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT4450G-S08-R
Description  7A, 40V N-CHANNEL POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4450G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT4450G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 5Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 6Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 7Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 8Page - Unisonic Technologies UT4450G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UT4450
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-898, C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TA=25°C
ID
7
A
TA=70°C
5.5
A
Pulsed (Note 1)
IDM
45
A
Avalanche Current (Note 1)
IAS
14
A
Avalanche Energy
L=0.1mH (Note 1)
EAS
10
mJ
Power Dissipation (Note 2)
TA=25°C
PD
3.1
W
TA=70°C
2
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
t ≤10s (Note 3)
θJA
31
40
°C/W
Steady-State (Note 3, 4)
59
75
°C/W
Notes: 1. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low
frequency and duty cycles to keep initialTJ=25°C.
2. Based on TJ(MAX)=150°C, using≤10s.
3. The device is measured that mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
4. The θJA is the sum of the thermal impedence from junction to lead θJL and lead to ambient.


Similar Part No. - UT4450G-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UT4450G-S08-R DOINGTER-UT4450G-S08-R Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT4450G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N10Z UTC-7N10Z Datasheet
219Kb / 5P
   7A, 100V N-CHANNEL POWER MOSFET
7N50_1109 UTC-7N50_1109 Datasheet
180Kb / 6P
   7A, 500V N-CHANNEL POWER MOSFET
7N10 UTC-7N10_12 Datasheet
224Kb / 6P
   7A, 100V N-CHANNEL POWER MOSFET
7N70_1109 UTC-7N70_1109 Datasheet
387Kb / 7P
   7A, 700V N-CHANNEL POWER MOSFET
7N65A UTC-7N65A Datasheet
283Kb / 7P
   7A, 650V N-CHANNEL POWER MOSFET
7N80Z UTC-7N80Z Datasheet
248Kb / 6P
   7A, 800V N-CHANNEL POWER MOSFET
7N40 UTC-7N40 Datasheet
175Kb / 4P
   7A, 400V N-CHANNEL POWER MOSFET
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
   7A, 800V N-CHANNEL POWER MOSFET
7N90_1109 UTC-7N90_1109 Datasheet
185Kb / 6P
   7A, 900V N-CHANNEL POWER MOSFET
logo
E-CMOS Corporation
EC747N60 E-CMOS-EC747N60 Datasheet
412Kb / 5P
   600V,7A N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com