Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT4466L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT4466L-S08-R
Description  10A, 30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4466L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT4466L-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4466L-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4466L-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4466L-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4466L-S08-R Datasheet HTML 5Page - Unisonic Technologies UT4466L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UT4466
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-863.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Drain Current
Continuous(Note 2)
TA=25°C
ID
10
A
TA=85°C
6
A
Pulsed (Note 3)
IDM
60
A
Avalanche Current (Note 3, 4)
IAR
16
A
Repetitive Avalanche Energy (Note 3, 4) L=0.1mH
EAR
12.8
mJ
Power Dissipation (Note 2)
PD
1.42
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Device mounted on FR-4 substrate PC board with minimum recommended pad layout in a still air
environment @ TA=25°C. The value in any given application depends on the user's specific board design.
3. Repetitive rating, pulse width limited by junction temperature.
4. IAR and EAR rating are based on low frequency and duty cycles to keep TJ=25°C
THERMAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
88.4
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
(Note 1)
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+25V, VDS=0V
+100 nA
Reverse
VGS=-25V, VDS=0V
-100 nA
ON CHARACTERISTICS
(Note 1)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
1.45
2.4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=10A
15
23
mΩ
VGS=4.5V, ID=7.5A
25
33
mΩ
Forward Transfer Admittance
|YFS|
VDS=5V, ID=10A
2.5
S
DYNAMIC PARAMETERS
(Note 2)
Input Capacitance
CISS
VGS=0V, VDS=15V, f=1.0MHz
478.9
pF
Output Capacitance
COSS
96.7
pF
Reverse Transfer Capacitance
CRSS
61.4
pF
SWITCHING PARAMETERS
Gate Resistance
RG
VDS=0V, VGS=0V, f=1MHz
0.4
1.1
1.6
Total Gate Charge
QG
VGS=4.5V, VDS=15V, ID=10A
5.0
8
nC
Total Gate Charge
QG
VGS=10V, VDS=15V, ID=10A
10.5
17
nC
Gate to Source Charge
QGS
1.8
nC
Gate to Drain Charge
QGD
1.6
nC
Turn-ON Delay Time
tD(ON)
VDS=15V, VGS=10V, RG=3Ω,
RL=1.5Ω
2.9
ns
Rise Time
tR
7.9
ns
Turn-OFF Delay Time
tD(OFF)
14.6
ns
Fall-Time
tF
3.1
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=1A, VGS=0V
0.69
1
V
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Guaranteed by design. Not subject to production testing.


Similar Part No. - UT4466L-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UT4466G-S08-R DOINGTER-UT4466G-S08-R Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT4466L-S08-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com