Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A222L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQU2A222L
Description  In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A222L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQU2A222L Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A222L Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC78−
Plastic Film Capacitors
Metallized Polyester Film Capacitor
Type:
ECQUL [Class X2] [Class Y2/X2]
In accordance with UL/CSA and European safety
regulation class X2 or class Y2/X2
■Features
Compact
Flame-retardant plastic case and non-combustible resin
RoHS directive compliant
■Recommended Applications
Interference suppressors
■ Explanation of Part Numbers
1
23
456
78
9
10
11
12
E
C
Q
U
2
A
Product code
Dielectric &
construction
Rated voltage
Capacitance
L
Cap.tol.
Suffix
■Specifications
K
±10 %
M ±20 %
Category temp. range
-40 ˚C to +100 ˚C (85 ˚C max. on CSA C22.2 No.8 spec.)
Rated voltage
275 VAC (250 VAC on CSA C22.2 No.8 spec.)
Capacitance range
0.0010 µF to 2.2 µF
Capacitance tolerance
± 10 % (K), ± 20 %(M)
Dissipation factor (tan )
tan <
=1.0 % (20 ˚C, 1 kHz)
Withstand voltage
Between terminals: 575 VAC, 1768 VDC 60 s (0.0082 µF to 2.2 µF)
Between terminals: 1500 VAC, 2121 VDC 60 s (0.0010 µF to 0.0068 µF)
Between terminals to enclosure:2050 VAC 60 s
Insulation resistance (IR)
C<
=0.33 µF : IR>
=15000 M
Ω (20 ˚C, 100 VDC, 60 s)
C>0.33 µF : IR>
=5000 M
Ω · µF (20 ˚C, 100 VDC, 60 s)
IR>
=2000 M
Ω (20 ˚C, 500 VDC, 60 s)
■Applicable Standard
❈When applying this capacitor to European and American safety standards, please use type designation and rating
such as ECQUL, 0.1 µF.
❈Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the
latest file No
❈This capacitor is recognized for European standards by VDE only. But, there are no problems using this capacitor in
a device which will get approvals from certification bodies in Europe, SEMKO, DEMKO, NEMKO, FIMKO and SEV
etc. except VDE.
❈ Use of this capacitor is limited to AC voltage (50 Hz or 60 Hz sine wave).
Suffix
Blank
A
Straight
Cut lead
UL60384-14
UL
CSA
Approval
Class
Capacitance range
Certification organization
CAN/CSA E60384-14
CSA C22.2
No.8-M1986
EN60384-14
IEC60384-14
Class Y2/X2
(0.0010
μF to 0.0068 μF)
UL
CSA
VDE
(0.0082
μF to 2.2 μF)
(0.0010
μF to 0.0068 μF)
(0.0082
μF to 2.2 μF)
(1.2
μF to 2.2 μF)
(0.0010
μF to 0.0068 μF)
(0.0082
μF to 2.2 μF)
(0.0010
μF to 0.0068 μF)
(0.0082
μF to 2.2 μF)
Class X2
Class Y2/X2
Class X2
Electromagnetic
Interference (EMI) Filters
Class Y2/X2
Class X2
Class Y2/X2
Class X2
Europe
International
英語版カタログ P50_81 14.1.30 16:24 ページ 78


Similar Part No. - ECQU2A222L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A222L PANASONIC-ECQU2A222L Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A222L PANASONIC-ECQU2A222L Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQU2A222L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MEXY2A102K CDE-MEXY2A102K Datasheet
248Kb / 2P
   Type MEXY Class X2 and Y2/X2, Polyester Film Capacitors
logo
IXYS Corporation
IXFN150N65X2 IXYS-IXFN150N65X2 Datasheet
132Kb / 5P
   X2-Class HiPerFETTM
IXFA22N65X2 IXYS-IXFA22N65X2 Datasheet
209Kb / 6P
   X2-Class HiPerFETTM
IXFA34N65X2 IXYS-IXFA34N65X2 Datasheet
210Kb / 6P
   X2-Class HiPerFETTM
IXFH46N65X2 IXYS-IXFH46N65X2 Datasheet
155Kb / 5P
   X2-Class HiPerFETTM
IXFT60N65X2HV IXYS-IXFT60N65X2HV Datasheet
197Kb / 6P
   X2-Class HiPerFETTM
IXFH80N65X2 IXYS-IXFH80N65X2 Datasheet
209Kb / 5P
   X2-Class HiPerFETTM
IXFN170N65X2 IXYS-IXFN170N65X2 Datasheet
131Kb / 5P
   X2-Class HiPerFETTM
IXFT80N65X2HV IXYS-IXFT80N65X2HV Datasheet
197Kb / 6P
   X2-Class HiPerFETTM
IXFH60N65X2 IXYS-IXFH60N65X2 Datasheet
156Kb / 5P
   X2-Class HiPerFETTM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com