Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT80N08 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT80N08
Description  80A, 80V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80N08 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT80N08 Datasheet HTML 1Page - Unisonic Technologies UTT80N08 Datasheet HTML 2Page - Unisonic Technologies UTT80N08 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT80N08
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-468.b
80A, 80V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT80N08 is an N-channel MOSFET using UTC
advanced technology. It can be used in applications, such as power
supply (secondary synchronous rectification), industrial and primary
switch etc.
FEATURES
* Trench FET Power MOSFETS Technology
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT80N08L-TA3-T
UTT80N08G-TA3-T
TO-220
G
D
S
Tube
UTT80N08L-TF1-T
UTT80N08G-TF1-T
TO-220F1
G
D
S
Tube
Note: G: GND, D: Drain, S: Source


Similar Part No. - UTT80N08

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT80N08 VBSEMI-UTT80N08 Datasheet
1,001Kb / 8P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - UTT80N08

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK80N08DD FS-FTK80N08DD Datasheet
438Kb / 5P
   N-CHANNEL MOSFET (80V/80A, Rds=8m廓)
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
   80A, 75V N-CHANNEL POWER MOSFET
UTT80N10 UTC-UTT80N10 Datasheet
130Kb / 3P
   80A, 100V N-CHANNEL POWER MOSFET
UF8010 UTC-UF8010_11 Datasheet
193Kb / 6P
   80A, 100V N-CHANNEL POWER MOSFET
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
   80A, 75V N-CHANNEL POWER MOSFET
UTT80N06 UTC-UTT80N06 Datasheet
228Kb / 7P
   60V, 80A N-CHANNEL POWER MOSFET
UTT30N08 UTC-UTT30N08 Datasheet
181Kb / 6P
   80V, 30A N-CHANNEL POWER MOSFET
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
   25A, 80V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
logo
Estek Electronics Co. L...
ET75N08 ESTEK-ET75N08 Datasheet
308Kb / 9P
   80V, 75A, N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com