Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT80N08G-TF1-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT80N08G-TF1-T
Description  80A, 80V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80N08G-TF1-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT80N08G-TF1-T Datasheet HTML 1Page - Unisonic Technologies UTT80N08G-TF1-T Datasheet HTML 2Page - Unisonic Technologies UTT80N08G-TF1-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT80N08
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-468.b
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UTT80N08G-TF1-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT80N08 VBSEMI-UTT80N08 Datasheet
1,001Kb / 8P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - UTT80N08G-TF1-T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK80N08DD FS-FTK80N08DD Datasheet
438Kb / 5P
   N-CHANNEL MOSFET (80V/80A, Rds=8m廓)
logo
Unisonic Technologies
UTT80N75 UTC-UTT80N75 Datasheet
133Kb / 3P
   80A, 75V N-CHANNEL POWER MOSFET
UTT80N10 UTC-UTT80N10 Datasheet
130Kb / 3P
   80A, 100V N-CHANNEL POWER MOSFET
UF8010 UTC-UF8010_11 Datasheet
193Kb / 6P
   80A, 100V N-CHANNEL POWER MOSFET
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
   80A, 75V N-CHANNEL POWER MOSFET
UTT80N06 UTC-UTT80N06 Datasheet
228Kb / 7P
   60V, 80A N-CHANNEL POWER MOSFET
UTT30N08 UTC-UTT30N08 Datasheet
181Kb / 6P
   80V, 30A N-CHANNEL POWER MOSFET
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
   25A, 80V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   80V N-Channel NexFET Power MOSFET
logo
Estek Electronics Co. L...
ET75N08 ESTEK-ET75N08 Datasheet
308Kb / 9P
   80V, 75A, N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com