Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUEE2C820 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUEE2C820
Description  Aluminum Electrolytic Capacitors/ EE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEE2C820 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUEE2C820 Datasheet HTML 1Page - Panasonic Semiconductor EEUEE2C820 Datasheet HTML 2Page - Panasonic Semiconductor EEUEE2C820 Datasheet HTML 3Page - Panasonic Semiconductor EEUEE2C820 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EE
– EEE-96 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(hours)
(mm)(mm)(mm)
(pcs)
(pcs)
400
10
10
20
430
0.24
8000
0.6
5.0
5.0
EEUEE2G100( )
200
500
15
12.5
20
5900.2410000
0.6
5.0
5.0
EEUEE2G150( )
200
500
22
12.5
25
7600.2410000
0.6
5.0
5.0
EEUEE2G220( )
200
500
16
20
8600.2410000
0.8
7.5
7.5
EEUEE2G220S( )
100
250
33
16
20
1020
0.24
10000
0.8
7.5
7.5
EEUEE2G330S( )
100
250
47
16
25
1180
0.24
10000
0.8
7.5
7.5
EEUEE2G470( )
100
250
18
20
1180
0.24
10000
0.8
7.5
7.5
EEUEE2G470S( )
100
250
68
18
25
1470
0.24
10000
0.8
7.5
7.5
EEUEE2G680( )
100
250
82
18
31.5
1645
0.24
10000
0.8
7.5
EEUEE2G820
50
10018402060
0.24
10000
0.8
7.5
EEUEE2G101
50
450
10
10
20
330
0.24
8000
0.6
5.0
5.0
EEUEE2W100U( )
200
500
12.5
20
4900.2410000
0.6
5.0
5.0
EEUEE2W100( )
200
500
15
12.5
25
7800.2410000
0.6
5.0
5.0
EEUEE2W150( )
200
500
22
16
20
9450.2410000
0.8
7.5
7.5
EEUEE2W220S( )
100
250
33
16
25
1000
0.24
10000
0.8
7.5
7.5
EEUEE2W330( )
100
250
18
20
1000
0.24
10000
0.8
7.5
7.5
EEUEE2W330S( )
100
250
47
16
31.5
1200
0.24
10000
0.8
7.5
EEUEE2W470
100
18
25
1200
0.24
10000
0.8
7.5
7.5
EEUEE2W470S( )
100
250
56
18
31.5
1380
0.24
10000
0.8
7.5
EEUEE2W560
50
68
18
40
1800
0.24
10000
0.8
7.5
EEUEE2W680
50
· When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 105 °C
φ10=8000 h, φ12.5 to φ18=10000 h
00 Nov. 2012


Similar Part No. - EEUEE2C820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEE2C820 PANASONIC-EEUEE2C820 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2C820 PANASONIC-EEUEE2C820 Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEUEE2C820 PANASONIC-EEUEE2C820 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEUEE2C820 PANASONIC-EEUEE2C820 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEUEE2C820 PANASONICBATTERY-EEUEE2C820 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
More results

Similar Description - EEUEE2C820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EE2W220S PANASONIC-EEU-EE2W220S Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors EE
EEU-EE2W100U PANASONIC-EEU-EE2W100U Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2G470S PANASONIC-EEU-EE2G470S Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D330 PANASONIC-EEU-EE2D330 Datasheet
101Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W150 PANASONIC-EEU-EE2W150 Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2D470 PANASONIC-EEU-EE2D470 Datasheet
223Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
EEU-EE2W470S PANASONIC-EEU-EE2W470S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
Panasonic Battery Group
EEU-EE2E101S PANASONICBATTERY-EEU-EE2E101S Datasheet
91Kb / 4P
   Aluminum Electrolytic Capacitors/ EE
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com