Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFSE0D391R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEFSE0D391R
Description  SP-Cap/ Polymer Aluminum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFSE0D391R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEFSE0D391R Datasheet HTML 1Page - Panasonic Semiconductor EEFSE0D391R Datasheet HTML 2Page - Panasonic Semiconductor EEFSE0D391R Datasheet HTML 3Page - Panasonic Semiconductor EEFSE0D391R Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 EE26 
SP-Cap/ Polymer Aluminum Capacitors
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Mounting Specifications.
l
Recommendable reflow soldering temperature 240
°C
l
Recommendable reflow soldering temperature 260
°C
l
Typical land pattern (mm)
For standard terminal
( FD, CD, CX, UD, UE, S, H series)
50
0
100
150
200
250
Peak temperature
5 s max.
Time in 200 ¡C
or more
Time in 200 ¡C or more (s)
150 to 200 ¡C
120 s max.
Time (s)
210
220
230
240
250
10
20
30
40
50
60
Peak temperature
Time in 200
°C or more
240
°C, 5s max.
30s max.
230
°C, 5s max.
40s max.
EX.)
50
0
230
240
250
260
270
10 20 30 40 50
70
60
100
150
200
250
Peak temperature
10 s max.
Time in 230 ¡C
or more
Time in 230 ¡C or more (s)
Time (s)
150 to 200 ¡C
120 s max.
Peak temperature
Time in 230
°C or more
260
°C, 10s max.
40s max.
250
°C, 10s max.
60s max.
EX.)
8.8
4.0
Capacitor


Similar Part No. - EEFSE0D391R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EEFSE0J181R TI-EEFSE0J181R Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - EEFSE0D391R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFGX0D331R PANASONIC-EEFGX0D331R Datasheet
55Kb / 1P
   SP-Cap/ Polymer Aluminum Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R Datasheet
54Kb / 1P
   SP-Cap/ Polymer Aluminum Capacitors
EEFFD0D680R PANASONIC-EEFFD0D680R_08 Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEF-UE0J221LR PANASONIC-EEF-UE0J221LR Datasheet
89Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEF-HE0G181R PANASONIC-EEF-HE0G181R Datasheet
127Kb / 4P
   SP-Cap/ Polymer Aluminum Capacitors
EEF-UE0E331R PANASONIC-EEF-UE0E331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com