Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH1608HM470-T Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # MH1608HM470-T
Description  Please read this notice before using the TAIYO YUDEN products.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MH1608HM470-T Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button MH1608HM470-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc MH1608HM470-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
chipbeads_pack_e-E02R01
CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
PACKAGING
①Minimum Quantity
Type
Standard Quantity[pcs]
Paper Tape
Embossed Tape
1608(0603)
4000
2125(0805)
4000
2012(0805)
4000
2016(0806)
2000
3216(1206)
2000
3225(1210)
1000
4516(1806)
2000
4525(1810)
1000
4532(1812)
2000
②Tape Material
Card board carrier tape
Top tape
Base tape
Sprocket hole
Bottom tape
Chip cavity
Chip
Chip Filled
Embossed tape
Top tape
Base tape
Sprocket hole
Chip cavity
Chip
Chip Filled
③Taping Dimensions
Paper tape (0.315 inches wide)


Similar Part No. - MH1608HM470-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH1608 BOURNS-MH1608 Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-100Y BOURNS-MH1608-100Y Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
MH1608-100Y BOURNS-MH1608-100Y Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-101T BOURNS-MH1608-101T Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-101Y BOURNS-MH1608-101Y Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
More results

Similar Description - MH1608HM470-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com