Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH1608HM471-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # MH1608HM471-T
Description  Please read this notice before using the TAIYO YUDEN products.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MH1608HM471-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  MH1608HM471-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc MH1608HM471-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
109
CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
REFLOW
WAVE
chipbeads_e-E02R01
CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
PARTS NUMBER
*Operating Temp. : -40~+125℃(Including self-generated heat)
F
B
M
J
3
2
1
6
H
S
8
0
0
T
△=Blank space
② ③
⑦ ⑧ ⑨
①Series name
Code
Series name
FB
Ferrite bead
②Shape
Code
Shape
M
Rectangular chip
③Characteristics
Code
Characteristics
J
Standard
H
High Impedance type
④Dimensions(L×W)
Code
Type(inch)
Dimensions
(L×W)[mm]
1608
1608(0603)
1.6×0.8
2125
2125(0805)
2.0×1.25
2012
2012(0805)
2016
2016(0806)
2.0×1.6
3216
3216(1206)
3.2×1.6
3225
3225(1210)
3.2×2.5
4516
4516(1806)
4.5×1.6
4525
4525(1810)
4.5×2.5
4532
4532(1812)
4.5×3.2
⑤Material
Code
Material
HS
Refer to impedance curves
for material differences
HM
HL
⑥Nominal impedance
Code
(example)
Nominal impedance[Ω]
330
33
111
110
132
1300
⑦Impedance tolerance
Code
Impedance tolerance
±25%
N
±30%
⑧Packaging
Code
Packaging
T
Taping
⑨Internal code
Code
Internal code
Standard
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Recommended Land Patterns
Surface Mounting
・Mounting and soldering conditions should be
checked beforehand.
Type
A
B
C
FB MJ1608
1.0
1.0
1.0
FB MJ2125
1.4
1.2
1.65
FB MJ3216
1.4
2.2
2.0
FB MJ4516
1.75
3.5
2.0
FB MH1608
1.0
1.0
1.0
FB MH2012
1.4
1.2
1.65
FB MH2016
1.4
1.2
2.0
FB MH3216
1.4
2.2
2.0
FB MH3225
1.4
2.2
2.9
FB MH4516
1.75
3.5
2.0
FB MH4525
1.75
3.5
2.9
FB MH4532
1.75
3.5
3.7
Unit:mm
Type
L
W
T
e
Standard quantity [pcs]
Paper tape
Embossed tape
FB MJ1608
(0603)
1.6±0.2
(0.063±0.008)
0.8±0.2
(0.031±0.008)
0.8±0.2
(0.031±0.008)
0.3±0.2
(0.012±0.008)
4000
FB MJ2125
(0805)
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
0.85±0.2
(0.033±0.008)
0.5±0.3
(0.020±0.012)
4000
FB MJ3216
(1206)
3.2±0.3
(0.126±0.012)
1.6±0.2
(0.063±0.008)
1.1±0.2
(0.043±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MJ4516
(1806)
4.5±0.3
(0.177±0.012)
1.6±0.2
(0.063±0.008)
1.1±0.2
(0.043±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH1608
(0603)
1.6±0.1
(0.063±0.004)
0.8±0.1
(0.031±0.004)
0.8±0.1
(0.031±0.004)
0.3±0.15
(0.012±0.006)
4000
FB MH2012
(0805)
2.0±0.2
(0.079±0.008)
1.25±0.2
(0.049±0.008)
0.85±0.2
(0.033±0.008)
0.5±0.3
(0.020±0.012)
4000
FB MH2016
(0806)
2.0±0.2
(0.079±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH3216
(1206)
3.2±0.3
(0.126±0.012)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH3225
(1210)
3.2±0.3
(0.126±0.012)
2.5±0.3
(0.098±0.012)
2.5±0.3
(0.098±0.012)
0.5±0.3
(0.020±0.012)
1000
FB MH4516
(1806)
4.5±0.3
(0.177±0.012)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
0.5±0.3
(0.020±0.012)
2000
FB MH4525
(1810)
4.5±0.4
(0.177±0.016)
2.5±0.3
(0.098±0.012)
2.5±0.3
(0.098±0.012)
0.9±0.6
(0.035±0.024)
1000
FB MH4532
(1812)
4.5±0.4
(0.177±0.016)
3.2±0.3
(0.126±0.012)
3.2±0.3
(0.126±0.012)
0.9±0.6
(0.035±0.024)
2000
Unit:mm(inch)


Similar Part No. - MH1608HM471-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH1608 BOURNS-MH1608 Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-100Y BOURNS-MH1608-100Y Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
MH1608-100Y BOURNS-MH1608-100Y Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-101T BOURNS-MH1608-101T Datasheet
778Kb / 5P
    MH1608 Series High Current Chip Ferrite Beads
REV. 06/22
MH1608-101Y BOURNS-MH1608-101Y Datasheet
1Mb / 6P
   High Current Chip Ferrite Beads
More results

Similar Description - MH1608HM471-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com