Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA127LSTR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LBA127LSTR
Description  DUAL POLE OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA127LSTR Datasheet(HTML) 4 Page - Clare, Inc.

  LBA127LSTR Datasheet HTML 1Page - Clare, Inc. LBA127LSTR Datasheet HTML 2Page - Clare, Inc. LBA127LSTR Datasheet HTML 3Page - Clare, Inc. LBA127LSTR Datasheet HTML 4Page - Clare, Inc. LBA127LSTR Datasheet HTML 5Page - Clare, Inc. LBA127LSTR Datasheet HTML 6Page - Clare, Inc. LBA127LSTR Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.clare.com
4
LBA127L
Rev. 4
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LBA127L - Form B
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
1.05
1.65
2.25
1.95
1.35
0.75
Turn-Off (ms)
30
25
20
15
10
5
0
LBA127L - Form A
Typical Load Current vs. Temperature
Temperature (
°C)
-40
300
250
200
150
100
50
0
-20
0
20
40
60
80
120
100
5mA
10mA
20mA
LBA127L - Form B
Typical Load Current vs. Temperature
Temperature (
°C)
-40
300
250
200
150
100
50
0
-20
0
20
40
60
80
120
100
5mA
LBA127L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
LBA127L - Form A
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
290
285
280
275
270
265
260
255
-20
0
20
40
60
80
100
LBA127L - Form B
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
400
350
300
250
200
150
100
50
0
-20
0
20
40
60
80
100
LBA127L - Form A
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
120
100
5mA
10mA
20mA
LBA127L - Form B
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
5mA
LBA127L - Form A
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
-20
0
20
40
60
80
100
5mA
LBA127L - Form B
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
LBA127L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
-40
1.8
1.6
1.4
1.2
1.0
0.8
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LBA127L - Form A
Typical Turn-On vs. LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50


Similar Part No. - LBA127LSTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LBA127LSTR IXYS-LBA127LSTR Datasheet
135Kb / 8P
   Dual Single-Pole, Combination OptoMOS Relay
More results

Similar Description - LBA127LSTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
   DUAL POLE OptoMOS Relay
XBB170 CLARE-XBB170 Datasheet
151Kb / 7P
   DUAL POLE OptoMOS Relay
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
   DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LBA120L CLARE-LBA120L Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
   Dual Pole OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
   DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com