Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11A0P Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC68HC11A0P
Description  8-Bit Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11A0P Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC68HC11A0P Datasheet HTML 7Page - Motorola, Inc MC68HC11A0P Datasheet HTML 8Page - Motorola, Inc MC68HC11A0P Datasheet HTML 9Page - Motorola, Inc MC68HC11A0P Datasheet HTML 10Page - Motorola, Inc MC68HC11A0P Datasheet HTML 11Page - Motorola, Inc MC68HC11A0P Datasheet HTML 12Page - Motorola, Inc MC68HC11A0P Datasheet HTML 13Page - Motorola, Inc MC68HC11A0P Datasheet HTML 14Page - Motorola, Inc MC68HC11A0P Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
MC68HC11A8
MOTOROLA
MC68HC11A8TS/D
11
RBOOT, SMOD, and MDA reset depend on conditions at reset and can only be written in special modes
(SMOD = 1).
RBOOT — Read Bootstrap ROM
0 = Bootloader ROM disabled and not in map
1 = Bootloader ROM enabled and in map at $BF40–$BFFF
SMOD —Special Mode Select
MDA — Mode Select A
IRV — Internal Read Visibility
0 = No internal read visibility on external bus
1 = Data from internal reads is driven out through the external data bus
PSEL3–PSEL0 — Priority Select Bits 3 through 0
Refer to 3 Resets and Interrupts.
RAM[3:0] —256-Byte Internal RAM Map Position
RAM[3:0] determine the upper four bits of the RAM address, positioning RAM at the selected 4K bound-
ary.
REG[3:0] —64-Byte Register Block Map Position
REG[3:0] determine the upper four bits of the register address, positioning registers at the selected 4K
boundary. Register can be written only once in the first 64 cycles out of reset in normal modes, or any
time in special modes.
HPRIO — Highest Priority I-Bit Interrupt and Miscellaneous
$103C
Bit 7
654321
Bit 0
RBOOT
SMOD
MDA
IRV
PSEL3
PSEL2
PSEL1
PSEL0
RESET:
————
0101
Inputs
Mode
Latched at Reset
MODB
MODA
RBOOT
SMOD
MDA
1
0
Single Chip
0
0
0
1
1
Expanded Multiplexed
0
0
1
0
0
Special Bootstrap
1
1
0
0
1
Special Test
0
1
1
INIT — RAM and I/O Mapping
$103D
Bit 7
654321
Bit 0
RAM3
RAM2
RAM1
RAM0
REG3
REG2
REG1
REG0
RESET:
00000001


Similar Part No. - MC68HC11A0P

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11A0P FREESCALE-MC68HC11A0P Datasheet
3Mb / 52P
   8-Bit Microcontrollers
logo
NXP Semiconductors
MC68HC11A0P NXP-MC68HC11A0P Datasheet
3Mb / 52P
   8-Bit Microcontroller
More results

Similar Description - MC68HC11A0P

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com