Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-15-2206 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 22-15-2206
Description  KK 100 PCB ASSY 4455 SERIES DWG
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-15-2206 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 22-15-2206 Datasheet HTML 6Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 7Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 8Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 9Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 10Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 11Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 12Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 13Page - Molex Electronics Ltd. 22-15-2206 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
SHEET No.
D11
EC No.:
UCP2013-4795
- 10 -
DATE:
5/13/2013
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Hooks Cut:
YES
Hooks Cut:
YES
Hooks Cut:
YES
Hooks Cut:
NO
Housing No:
4455-NR
Housing No:
4455-N
Housing No:
4455-N
Housing No:
4455-BN
Terminal No:
4316-4(208)
Terminal No:
4316-4(565)
Terminal No:
4316-4(P909)
Terminal No:
4316-4(P909)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
208
Plating:
565
Plating:
P909
Plating:
P909
Packaging:
PK-44646-003
Packaging:
PK-44646-003
Packaging:
PK-44646-003
Packaging:
PK-44646-001
Voids:
NO
Voids:
NO
Voids:
NO
Voids:
NO
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
A-4455-CP02A(208)
22-18-2026
A-4455-CY02A(565)
22-02-7023
A-4455-CY02A(P909)
22-15-4028
A-4455-CB02A(P909)
3
A-4455-CP 03 A(208)
22-18-2036
A-4455-CY 03 A(565)
22-02-7033
A-4455-CY 03A(P909)
22-15-4038
A-4455-CB 03A(P909)
4
A-4455-CP 04 A(208)
22-18-2046
A-4455-CY 04 A(565)
22-02-7043
A-4455-CY 04A(P909)
22-15-4048
A-4455-CB 04A(P909)
5
22-18-2057
A-4455-CP 05 A(208)
22-18-2056
A-4455-CY 05 A(565)
22-02-7053
A-4455-CY 05A(P909)
22-15-4058
A-4455-CB 05A(P909)
6
A-4455-CP 06 A(208)
22-18-2066
A-4455-CY 06 A(565)
22-02-7063
A-4455-CY 06A(P909)
22-15-4068
A-4455-CB 06A(P909)
7
A-4455-CP 07 A(208)
22-18-2076
A-4455-CY 07 A(565)
22-02-7073
A-4455-CY 07A(P909)
22-15-4078
A-4455-CB 07A(P909)
8
A-4455-CP 08 A(208)
22-18-2086
A-4455-CY 08 A(565)
22-02-7083
A-4455-CY 08A(P909)
22-15-4088
A-4455-CB 08A(P909)
9
A-4455-CP 09 A(208)
22-18-2096
A-4455-CY 09 A(565)
22-02-7093
A-4455-CY 09A(P909)
22-15-4098
A-4455-CB 09A(P909)
10
A-4455-CP 10 A(208)
22-18-2106
A-4455-CY 10 A(565)
22-02-7103
A-4455-CY 10A(P909)
22-15-4108
A-4455-CB 10A(P909)
11
A-4455-CP 11 A(208)
22-18-2116
A-4455-CY 11 A(565)
22-02-7113
A-4455-CY 11A(P909)
22-15-4118
A-4455-CB 11A(P909)
12
A-4455-CP 12 A(208)
22-18-2126
A-4455-CY 12 A(565)
22-02-7123
A-4455-CY 12A(P909)
22-15-4128
A-4455-CB 12A(P909)
13
A-4455-CP 13 A(208)
22-18-2136
A-4455-CY 13 A(565)
22-02-7133
A-4455-CY 13A(P909)
22-15-4138
A-4455-CB 13A(P909)
14
A-4455-CP 14 A(208)
22-18-2146
A-4455-CY 14 A(565)
22-02-7143
A-4455-CY 14A(P909)
22-15-4148
A-4455-CB 14A(P909)
15
A-4455-CP 15 A(208)
22-18-2156
A-4455-CY 15 A(565)
22-02-7153
A-4455-CY 15A(P909)
22-15-4158
A-4455-CB 15A(P909)
16
A-4455-CP 16 A(208)
22-18-2166
A-4455-CY 16 A(565)
22-02-7163
A-4455-CY 16A(P909)
22-15-4168
A-4455-CB 16A(P909)
17
A-4455-CP 17 A(208)
22-18-2176
A-4455-CY 17 A(565)
22-02-7173
A-4455-CY 17A(P909)
22-15-4178
A-4455-CB 17A(P909)
18
A-4455-CP 18 A(208)
22-18-2186
A-4455-CY 18 A(565)
22-02-7183
A-4455-CY 18A(P909)
22-15-4188
A-4455-CB 18A(P909)
19
A-4455-CP 19 A(208)
22-18-2196
A-4455-CY 19 A(565)
22-02-7193
A-4455-CY 19A(P909)
22-15-4198
A-4455-CB 19A(P909)
20
A-4455-CP 20 A(208)
22-18-2206
A-4455-CY 20 A(565)
22-02-7203
A-4455-CY 20A(P909)
22-15-4208
A-4455-CB 20A(P909)
21
A-4455-CP 21 A(208)
22-18-2216
A-4455-CY 21 A(565)
22-02-7213
A-4455-CY 21A(P909)
22-15-4218
A-4455-CB 21A(P909)
22
A-4455-CP 22 A(208)
22-18-2226
A-4455-CY 22 A(565)
22-02-7223
A-4455-CY 22A(P909)
22-15-4228
A-4455-CB 22A(P909)
23
A-4455-CP 23 A(208)
22-18-2236
A-4455-CY 23 A(565)
22-02-7233
A-4455-CY 23A(P909)
22-15-4238
A-4455-CB 23A(P909)
24
A-4455-CP 24 A(208)
22-18-2246
A-4455-CY 24 A(565)
22-02-7243
A-4455-CY 24A(P909)
22-15-4248
A-4455-CB 24A(P909)
25
A-4455-CP 25 A(208)
22-18-2256
A-4455-CY 25 A(565)
22-02-7253
A-4455-CY 25A(P909)
22-15-4258
A-4455-CB 25A(P909)


Similar Part No. - 22-15-2206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-15-2206 MOLEX2-22-15-2206 Datasheet
630Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m (100關) Tin (Sn), 20 Circuits
22-15-2206 MOLEX-22-15-2206 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
22-15-2206 MOLEX-22-15-2206 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
More results

Similar Description - 22-15-2206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
022142024 MOLEX-022142024 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
022284020 MOLEX-022284020 Datasheet
1Mb / 70P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
423754200 MOLEX-423754200 Datasheet
987Kb / 35P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
logo
ITT Industries
028030Y0101 ITT-028030Y0101 Datasheet
531Kb / 1P
   CONNECTOR, RECEPTACLE, ELECTRICAL HDx, JAM NUT, REAR PCB MOUNTED SKT CONTACT, MASTER ASSY DWG
logo
Molex Electronics Ltd.
09-65-2048 MOLEX11-09-65-2048 Datasheet
86Kb / 1P
   KK 3.96 WAFER ASSY WITH LOCK
22-11-1101 MOLEX11-22-11-1101 Datasheet
170Kb / 2P
   KK 2.5 WAFER ASSY WITH LOCK
10-31-1068 MOLEX11-10-31-1068 Datasheet
58Kb / 1P
   KK 5/7.5 WAFER ASSY WITH LOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com