Electronic Components Datasheet Search |
|
P4KE39C Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
P4KE39C Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
1 / 4 page Dimensions in inches and (millimeters) DO-41 Features 400W surge capability at 10 x 100us waveform, duty cycle: 0.01% Excellent clamping capability Low zener impedance Fast response time: Typically less than 1.0ps from 0 volts to VBR for unidirectional and 5.0 ns for bidirectional Typical IR less than 1 uA above 10V High temperature soldering guaranteed: 260oC / 10 seconds / .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension Mechanical Data Case: Molded plastic Polarity: Color band denotes cathode except bipolar Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol Value Units Peak Power Dissipation at TA=25 oC, Tp=1ms (Note 1) PPK Minimum 400 Watts Steady State Power Dissipation at TL=75 oC Lead Lengths .375”, 9.5mm (Note 2) PD 1.0 Watts Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 3) IFSM 40 Amps Maximum Instantaneous Forward Voltage at 25.0A for Unidirectional Only (Note 4) VF 3.5 /5.0 Volts Operating and Storage Temperature Range TJ, TSTG -55 to + 150 o C Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 oC Per Fig. 2. 2. Mounted on Copper Pad Area of 1.6 x 1.6” (40 x 40 mm) Per Fig. 4. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes Maximum. 4. VF=3.5V for Devices of VBR ≤ 200V and VF=6.5V Max. for Devices VBR>200V Devices for Bipolar Applications 1. For Bidirectional Use C or CA Suffix for Types P4KE6.8 thru Types P4KE440. 2. Electrical Characteristics Apply in Both Directions. P4KE SERIES 400 Watts Transient Voltage Suppressor Diodes http://www.luguang.cn mail:lge@luguang.cn |
Similar Part No. - P4KE39C |
|
Similar Description - P4KE39C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |