Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1487CM6 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1487CM6
Description  Goulotte guide-fils pour tirage, type 12
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1487CM6 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1487CM6 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1487CM6 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1487CM6 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Description
2.5 x 2.5
4 x 4
6 x 6
8 x 8
Part No.
Part No.
Part No.
Part No.
12" Section
1487B12
1487C12
1487D12
1487E12
24" Section
1487B24
1487C24
1487D24
1487E24
36" Section
1487B36
1487C36
1487D36
1487E36
48" Section
1487B48
1487C48
1487D48
1487E48
60" Section
1487B60
1487C60
1487D60
1487E60
120" Section
1487B120
1487C120
1487D120
1487E120
60" Long Partition (Barrier)
-
1487CB60¹
1487DB60¹
1487EB60¹
1" Nipple
1487BM1
1487CM1
1487DM1
1487EM1
2" Nipple
1487BM2
1487CM2
1487DM2
1487EM2
3" Nipple
1487BM3
1487CM3
1487DM3
1487EM3
6" Nipple
1487BM6
1487CM6
1487DM6
1487EM6
Box Entry Swivel Nipple
1487BV 1
1487CV 1
1487DV 1
1487EV 1
Standard Swivel Nipple
1487BV 2
1487CV 2
1487DV 2
1487EV 2
Flexible Fitting
1485BFF¹
1485CFF¹
1485DFF¹
1485EFF¹
Adjustable Fitting
1487BX¹
1487CX¹
1487DX¹
1487EX¹
Cut-Off Fitting
1487BW¹
1487CW¹
1487DW¹
1487EW¹
90° Elbow
1487B9P
1487C9P
1487D9P
1487E9P
45° Elbow
1487B4P
1487C4P
1487D4P
1487E4P
22.5° Elbow
1487B2P
1487C2P
1487D2P
1487E2P
Tee Fitting
1487BT
1487CT
1487DT
1487ET
Cross Fitting
1487BY
1487CY
1487DY
1487EY
Center Hole Reducers
Reducer - 4 x 4 to 2.5 x 2.5
-
1487CRC²
-
-
Reducer - 6 x 6 to 4 x 4
-
-
1487DRC²
-
Reducer - 8 x 8 to 4 x 4
-
-
-
1487ERCC²
Reducer - 8 x 8 to 6 x 6
-
-
-
1487ERCD²
Edge Hole Reducers
Reducer 4 x 4 to 2.5 x 2.5
-
1487CRE²
-
-
Reducer 6 x 6 to 4 x 4
-
-
1487DRE²
-
Reducer 8 x 8 to 4 x 4
-
-
-
1487EREC²
Reducer 8 x 8 to 6 x 6
-
-
-
1487ERED²
Box Connector
1487BK¹
1487CK¹
1487DK¹
1487EK¹
Drop Hanger
1485BL1¹
1485CL1¹
1485DL1¹
1485EL1¹
Bracket Hanger
1485BL2¹
1485CL2¹
1485DL2¹
1485EL2¹
Cover Plate
1487BH²
1487CH²
1487DH²
1487EH²
Gasket & Screws
1487BS¹
1487CS¹
1487DS¹
1487ES¹
¹ Does not meet CSA or UL requirements
² Maintains ratings on CSA and UL approved wireway
Les données sont sujettes à changement sans préavis.


Similar Part No. - 1487CM6

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487CM6 HAMMOND-1487CM6 Datasheet
120Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487CM6 HAMMOND-1487CM6 Datasheet
69Kb / 1P
   Raccord
1487CM6SS HAMMOND-1487CM6SS Datasheet
16Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1487CM6SS HAMMOND-1487CM6SS Datasheet
48Kb / 1P
   Raccord
1487CM6SS HAMMOND-1487CM6SS Datasheet
110Kb / 2P
   Goulotte guide-fils pour tirage, type 4X
More results

Similar Description - 1487CM6

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1487SS HAMMOND-1487SS Datasheet
110Kb / 2P
   Goulotte guide-fils pour tirage, type 4X
CWST HAMMOND-CWST Datasheet
72Kb / 1P
   Goulotte guide-fils avec couvercle a charniere pour pose a plat, type 1
CWSCNK HAMMOND-CWSCNK Datasheet
59Kb / 1P
   Goulotte guide-fils a couvercle visse pour pose a plat, type 1 - sans alveoles defoncables
CWSTNK HAMMOND-CWSTNK Datasheet
53Kb / 1P
   Goulotte guide-fils a couvercle a charniere pour pose a plat, type 1 - sans alveoles defoncables
HFMDT HAMMOND-HFMDT Datasheet
119Kb / 4P
   Armoires modulaires autoportantes pour coupe-circuit de type 12
1489 HAMMOND-1489 Datasheet
175Kb / 3P
   Bo챤tiers pour boutons-poussoirs en acier doux de type 12
1490 HAMMOND-1490 Datasheet
199Kb / 4P
   Bo챤tiers pour boutons-poussoirs en acier doux de type 12
IFMD HAMMOND-IFMD Datasheet
159Kb / 4P
   Armoire autoportante modulaire pour sectionneur en acier doux de type 12
IPC HAMMOND-IPC Datasheet
145Kb / 3P
   Armoire pour PC autoportante modulaire en acier doux de type 12
MPB HAMMOND-MPB Datasheet
185Kb / 3P
   Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com