Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ75A Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ75A
Description  1500Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ75A Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ75A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ75A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ75A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ75A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMBIENAVERAGE FORWARD CURRENT, (A)
0
100
1
200
25
100
100
30
150
0
0
6.5
0.1
59
70
6.5
10000
0.74
##
0
Ratings and Characteristics Curves (TA=25 unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Surge Current
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
25
50
75
100
125
150
175
200
0
40
80
120
160
200
1
10
100
Number of Cycles at 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA ( )
0.1
1
10
100
0 1
1
10
100
1000
10000
0
0
0.2
100
0.5
76
1
50
1.5
33
2
23
3
13
4
10
Fig. 5 - Pulse Waveform
Fig. 6 - Typical Junction Capacitance
Fig. 3 - Steady State Power Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
1
10
100
1000
10000
100000
1
10
100
1000
Reverse Breakdown Voltage,VBR (V)
Uni-directional @VRWM
Bi-directional @VRWM
TJ=25 °C
f=1.0MHz
0.0
1.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL ( )
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of Ipp
10/1000 sec. Waveform
as defined by R.E.A.
Peak Value
(Ipp)
Half Value = Ipp
2
td
Tr=10 s
Bi-directional
@zero bias
Uni-directional
@zero bias
0.1
0.1
1
10
100
1000
10000
Pulse Width ,td ( s)
SMCJ SERIES
1500Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMCJ75A VISHAY-SMCJ75A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
Guangdong Youtai Semico...
SMCJ75A UMW-SMCJ75A Datasheet
558Kb / 3P
   5V-188V 1500W
logo
Dc Components
SMCJ75A DCCOM-SMCJ75A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ75A VISHAY-SMCJ75A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SMCJ75A VISHAY-SMCJ75A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

Similar Description - SMCJ75A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCJ300A LUGUANG-SMCJ300A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ440A LUGUANG-SMCJ440A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ400A LUGUANG-SMCJ400A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com