Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ80 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ80
Description  1500Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ80 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ80 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ80 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ80 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ80 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMCJ43
SMCJ43C
GFS BFS
47.80
58.40
1
1
43.0
19.56
76.7
SMCJ43A
SMCJ43CA
GFT BFT
47.80
52.80
1
1
43.0
21.61
69.4
SMCJ45
SMCJ45C
GFU BFU
50.00
61.10
1
1
45.0
18.68
80.3
SMCJ45A
SMCJ45CA
GFV BFV
50.00
55.30
1
1
45.0
20.63
72.7
SMCJ48
SMCJ48C
GFW BFW
53.30
65.10
1
1
48.0
17.54
85.5
SMCJ48A
SMCJ48CA
GFX BFX
53.30
58.90
1
1
48.0
19.38
77.4
SMCJ51
SMCJ51C
GFY BFY
56.70
69.30
1
1
51.0
16.47
91.1
SMCJ51A
SMCJ51CA
GFZ BFZ
56.70
62.70
1
1
51.0
18.20
82.4
SMCJ54
SMCJ54C
GGD BGD
60.00
73.30
1
1
54.0
15.58
96.3
SMCJ54A
SMCJ54CA
GGE BGE
60.00
66.30
1
1
54.0
17.22
87.1
SMCJ58
SMCJ58C
GGF BGF
64.40
78.70
1
1
58.0
14.56
103.0
SMCJ58A
SMCJ58CA
GGG BGG
64.40
71.20
1
1
58.0
16.03
93.6
SMCJ60
SMCJ60C
GGH BGH
66.70
81.50
1
1
60.0
14.02
107.0
SMCJ60A
SMCJ60CA
GGK BGK
66.70
73.70
1
1
60.0
15.50
96.8
SMCJ64
SMCJ64C
GGL BGL
71.10
86.90
1
1
64.0
13.16
114.0
SMCJ64A
SMCJ64CA
GGM BGM
71.10
78.60
1
1
64.0
14.56
103.0
SMCJ70
SMCJ70C
GGN BGN
77.80
95.10
1
1
70.0
12.00
125.0
SMCJ70A
SMCJ70CA
GGP BGP
77.80
86.00
1
1
70.0
13.27
113.0
SMCJ75
SMCJ75C
GGQ BGQ
83.30
102.00
1
1
75.0
11.19
134.0
SMCJ75A
SMCJ75CA
GGR BGR
83.30
92.10
1
1
75.0
12.40
121.0
SMCJ78
SMCJ78C
GGS BGS
86.70
106.00
1
1
78.0
10.79
139.0
SMCJ78A
SMCJ78CA
GGT BGT
86.70
95.80
1
1
78.0
11.90
126.0
SMCJ80
SMCJ80C
GGA BGA
88.96
108.80
1
1
80.0
10.47
143.2
SMCJ80A
SMCJ80CA
GGB BGB
88.80
97.60
1
1
80.0
11.57
129.6
SMCJ85
SMCJ85C
GGU BGU
94.40
115.00
1
1
85.0
9.93
151.0
SMCJ85A
SMCJ85CA
GGV BGV
94.40
104.00
1
1
85.0
10.95
137.0
SMCJ90
SMCJ90C
GGW BGW
100 00
122 00
1
1
90 0
9 38
160 0
Electrical Characteristics(TA=25 unless otherwise noted)
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Maximum
Reverse
Surge
Current IPP
(A)
Part Number
(Uni)
Working
Peak Reverse
Voltage
VRWM
(V)
Part Number
(Bi)
Device
Marking
Code
Maximum
Clamping
Voltage VC
@IPP
(V)
Breakdown Voltage VBR @IT
SMCJ90
SMCJ90C
GGW BGW
100.00
122.00
1
1
90.0
9.38
160.0
SMCJ90A
SMCJ90CA
GGX BGX
100.00
111.00
1
1
90.0
10.27
146.0
SMCJ100
SMCJ100C
GGY BGY
111.00
136.00
1
1
100.0
8.38
179.0
SMCJ100A
SMCJ100CA GGZ BGZ
111.00
123.00
1
1
100.0
9.26
162.0
SMCJ110
SMCJ110C
GHD BHD
122.00
149.00
1
1
110.0
7.65
196.0
SMCJ110A
SMCJ110CA GHE BHE
122.00
135.00
1
1
110.0
8.47
177.0
SMCJ120
SMCJ120C
GHF BHF
133.00
163.00
1
1
120.0
7.01
214.0
SMCJ120A
SMCJ120CA GHG BHG
133.00
147.00
1
1
120.0
7.77
193.0
SMCJ130
SMCJ130C
GHH BHH
144.00
176.00
1
1
130.0
6.49
231.0
SMCJ130A
SMCJ130CA GHK BHK
144.00
159.00
1
1
130.0
7.18
209.0
SMCJ140
SMCJ140C
GHA BHA
155.68
190.40
1
1
140.0
5.99
250.6
SMCJ140A
SMCJ140CA GHB BHB
155.00
171.00
1
1
140.0
6.61
226.8
SMCJ150
SMCJ150C
GHL BHL
167.00
204.00
1
1
150.0
5.60
268.0
SMCJ150A
SMCJ150CA GHM BHM
167.00
185.00
1
1
150.0
6.17
243.0
SMCJ160
SMCJ160C
GHN BHN
178.00
218.00
1
1
160.0
5.23
287.0
SMCJ160A
SMCJ160CA GHP BHP
178.00
197.00
1
1
160.0
5.79
259.0
SMCJ170
SMCJ170C
GHQ BHQ
189.00
231.00
1
1
170.0
4.93
304.0
SMCJ170A
SMCJ170CA GHR BHR
189.00
209.00
1
1
170.0
5.45
275.0
SMCJ180
SMCJ180C
GHS BHS
200.16
244.80
1
1
180.0
4.66
322.2
SMCJ180A
SMCJ180CA GHT BHT
200.00
220.00
1
1
180.0
5.14
291.6
SMCJ190
SMCJ190C
GHU BHU
211.28
258.40
1
1
190.0
4.41
340.1
SMCJ190A
SMCJ190CA GHV BHV
211.00
232.00
1
1
190.0
4.87
307.8
SMCJ200A
SMCJ200CA GHW BHW
224.00
247.00
1
1
200.0
4.60
324.0
SMCJ220A
SMCJ220CA GHX BHX
246.00
272.00
1
1
220.0
4.20
356.0
SMCJ250A
SMCJ250CA GHZ BHZ
279.00
309.00
1
1
250.0
3.70
405.0
SMCJ300A
SMCJ300CA
GJE BJE
335.00
371.00
1
1
300.0
3.10
486.0
SMCJ350A
SMCJ350CA
GJG BJG
391.00
432.00
1
1
350.0
2.60
567.0
SMCJ400A
SMCJ400CA
GJK BJK
447.00
494.00
1
1
400.0
2.30
648.0
SMCJ440A
SMCJ440CA GJM BJM
492.00
543.00
1
1
440.0
2.10
713.0
SMCJ SERIES
1500Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMCJ80

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ80 MICROSEMI-SMCJ80 Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Diodes Incorporated
SMCJ80 DIODES-SMCJ80 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMCJ80 SOCAY-SMCJ80 Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMCJ80 LUGUANG-SMCJ80 Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ80 LUGUANG-SMCJ80 Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ80

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCJ300A LUGUANG-SMCJ300A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ440A LUGUANG-SMCJ440A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ350A LUGUANG-SMCJ350A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com