Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE20CA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1.5KE20CA
Description  1500 WattsTransient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1.5KE20CA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1.5KE20CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE20CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE20CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE20CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- 574 -
1.5KE SERIES
1500 WattsTransient Voltage Suppressor Diodes
DO-27
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
1500W surge capability at 10 x 1000 us
waveform
Excellent clamping capability
Low Dynamic impedance
Fast response time: Typically less than 1.0ps
from 0 volts to VBR for unidirectional and 5.0 ns
for bidirectional
Typical IR less than 1uA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”,(9.5mm) lead length
/ 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Polarity: Color band denotes cathode except
bipolar
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms (Note 1)
PPK
Minimum1500
Watts
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm (Note 2)
PD
6.5
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
200
Amps
Maximum Instantaneous Forward Voltage at 50.0A for
Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on Copper Pad Area of 0.6 x 0.6” (16 x 16 mm) Per Fig. 4.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes
Maximum.
4. VF=3.5V for Devices of VBR
200V and V
F=5.0V Max. for Devices VBR>200V.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types 1.5KE6.8 through Types 1.5KE440.
2. Electrical Characteristics Apply in Both Directions.
http://www.luguang.cn
mail:lge@luguang.cn
Dimensions in inches and (millimeters)
.210 (5.3)
.190 (4.8)
DIA.
.042 (1.10)
.037 (0.90)
DIA.
1.0 (25.4)
MIN.
.335 (8.5)
.375 (9.5)
1.0 (25.4)
MIN.


Similar Part No. - 1.5KE20CA

ManufacturerPart #DatasheetDescription
logo
StarHope
1.5KE20CA SPSEMI-1.5KE20CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
ON Semiconductor
1.5KE20CA ONSEMI-1.5KE20CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE20CA LUGUANG-1.5KE20CA Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DB Lectro Inc
1.5KE20CA DBLECTRO-1.5KE20CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Pan Jit International I...
1.5KE20CA PANJIT-1.5KE20CA Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results

Similar Description - 1.5KE20CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE6.8 TSC-1.5KE6.8_1 Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE600A LUGUANG-1.5KE600A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE600 LUGUANG-1.5KE600 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE6.8 LUGUANG-1.5KE6.8 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550A LUGUANG-1.5KE550A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1N6267 LUGUANG-1N6267_17 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE LUGUANG-1.5KE Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_10 Datasheet
677Kb / 4P
   1500 WattsTransient Voltage Suppressor
logo
Microsemi Corporation
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5SMC6V8 ETC1-1.5SMC6V8 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com