Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT169DG-T92-B Datasheet(PDF) 5 Page - Unisonic Technologies

Part # BT169DG-T92-B
Description  SCRS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT169DG-T92-B Datasheet(HTML) 5 Page - Unisonic Technologies

  BT169DG-T92-B Datasheet HTML 1Page - Unisonic Technologies BT169DG-T92-B Datasheet HTML 2Page - Unisonic Technologies BT169DG-T92-B Datasheet HTML 3Page - Unisonic Technologies BT169DG-T92-B Datasheet HTML 4Page - Unisonic Technologies BT169DG-T92-B Datasheet HTML 5Page - Unisonic Technologies BT169DG-T92-B Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BT169
SCR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R301-015,C
TYPICAL CHARACTERISTICS(Cont.)
0
50
100
150
0.5
1.0
1.5
2.5
3.0
Junction Temperature, TJ (°C)
Normalised Gate Trigger Current vs. Junction
Temperature
-50
0
2.0
0
1.0
1.5
2.0
VT (V)
Typical And Maximum On-State Characteristic
00.5
1
2
3
4
5
TJ=125°C ---
TJ= 25°C
VOUT=1.067V
Rs=0.187
typ
max
2.5


Similar Part No. - BT169DG-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169DG-T92-B UTC-BT169DG-T92-B Datasheet
345Kb / 6P
   SCRS
BT169DG-T92-B UTC-BT169DG-T92-B Datasheet
345Kb / 6P
   SCRS
More results

Similar Description - BT169DG-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
logo
HAOPIN MICROELECTRONICS...
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
   SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
   SCRs
C106D HAOPIN-C106D Datasheet
236Kb / 4P
   SCRs
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
   SCRs
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
   SCRs
logo
Unisonic Technologies
US108S UTC-US108S_11 Datasheet
131Kb / 3P
   SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
   SCRs
logo
HAOPIN MICROELECTRONICS...
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
   SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com