Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1225
Description  Protected Quad Driver with Fault Detection and Sleep Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1225 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1225 Datasheet HTML 1Page - Allegro MicroSystems A1225 Datasheet HTML 2Page - Allegro MicroSystems A1225 Datasheet HTML 3Page - Allegro MicroSystems A1225 Datasheet HTML 4Page - Allegro MicroSystems A1225 Datasheet HTML 5Page - Allegro MicroSystems A1225 Datasheet HTML 6Page - Allegro MicroSystems A1225 Datasheet HTML 7Page - Allegro MicroSystems A1225 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELEMENT LOCATIONS
(±0.005” [0.13 mm] die placement)
Allegro
Package Designators “LT”
1
3
2
Dwg. MH-008-4C
0.0305"
0.775 mm
NOM
ACTIVE AREA DEPTH
0.050"
1.27 mm
0.090"
2.27 mm
A
Package Designators “UA”
1
3
2
Dwg. MH-011-4C
0.0195"
0.50 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.083"
2.10 mm
0.060"
1.51 mm
A
The simplest form of magnet that will operate these devices is a ring
magnet, as shown below. Other methods of operation are possible.
Dwg. A-11,899
OPERATION
In operation, the output transistor is OFF until the strength of the mag-
netic field perpendicular to the surface of the chip exceeds the threshold or
operate point (BOP). When the field strength exceeds BOP, the output transis-
tor switches ON and is capable of sinking 25 mA of current.
The output transistor switches OFF when magnetic field reversal results
in a magnetic flux density below the OFF threshold (BRP). This is illustrated
in the transfer characteristics graph (A3187* shown).
Note that the device latches; that is, a south pole of sufficient strength
will turn the device ON. Removal of the south pole will leave the device ON.
The presence of a north pole of sufficient strength is required to turn the
device OFF. Powering up in the absence of a magnetic field (less than BOP
and higher than BRP) will allow an indeterminate output state. The correct
state is warranted after the first excursion beyond BOP or BRP.
APPLICATIONS INFORMATION
Extensive applications information on magnets and Hall-effect devices is
also available in the Allegro Integrated and Discrete Semiconductors Data
Book or Application Note 27701.
30 V
MAX
B
+
0
0
FLUX DENSITY
Dwg. GH-034-4
-B
RP
B
VOUT(SAT)
BB
V
OP
B
Although element location is accurate to three
sigma for a particular design, product improve-
ments may result in small changes to element
location.


Similar Part No. - A1225

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1225 ETC1-A1225 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Crydom Inc.,
A1225 CRYDOM-A1225 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A1225 CRYDOM-A1225 Datasheet
747Kb / 7P
   panel mount
A1225 CRYDOM-A1225 Datasheet
950Kb / 7P
   Panel Mount
More results

Similar Description - A1225

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
   Protected Quad Driver with Fault Detection and Sleep Mode
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
2557 ALLEGRO-2557 Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
[Old version datasheet]   DS3668 Quad Fault Protected Peripheral Driver
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com