Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE350A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1.5KE350A
Description  1500 WattsTransient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1.5KE350A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1.5KE350A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE350A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE350A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE350A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni-polar
Bi-polar
Min (V)
Max (V)
IT (mA)
1.5KE6.8
1.5KE6.8C
6.12
7.48
10
1000
5.5
139
10.8
1.5KE6.8A
1.5KE6.8CA
6.46
7.14
10
1000
5.8
143
10.5
1.5KE7.5
1.5KE7.5C
6.75
8.25
10
500
6.1
128
11.7
1.5KE7.5
1.5KE7.5CA
7.13
7.88
10
500
6.4
133
11.3
1.5KE8.2
1.5KE8.2C
7.38
9.02
10
200
6.6
120
12.5
1.5KE8.2A
1.5KE8.2CA
7.79
8.61
10
200
7.0
124
12.1
1.5KE9.1
1.5KE9.1C
8.19
10.01
1
50
7.4
109
13.8
1.5KE9.1A
1.5KE9.1CA
8.65
9.56
1
50
7.8
112
13.4
1.5KE10
1.5KE10C
9.00
11.00
1
10
8.1
100
15.0
1.5KE10A
1.5KE10CA
9.50
10.50
1
10
8.6
103
14.5
1.5KE11
1.5KE11C
9.90
12.10
1
5
8.9
92.6
16.2
1.5KE11A
1.5KE11CA
10.45
11.55
1
5
9.4
96.2
15.6
1.5KE12
1.5KE12C
10.80
13.20
1
5
9.7
86.7
17.3
1.5KE12A
1.5KE12CA
11.40
12.60
1
5
10.2
89.8
16.7
1.5KE13
1.5KE13C
11.70
14.30
1
5
10.5
78.9
19.0
1.5KE13A
1.5KE13CA
12.35
13.65
1
5
11.1
82.4
18.2
1.5KE15
1.5KE15C
13.50
16.50
1
5
12.1
68.2
22.0
1.5KE15A
1.5KE15CA
14.25
15.75
1
5
12.8
70.8
21.2
1.5KE16
1.5KE16C
14.40
17.60
1
5
12.9
63.8
23.5
1.5KE16A
1.5KE16CA
15.20
16.80
1
5
13.6
66.7
22.5
1.5KE18
1.5KE18C
16.20
19.80
1
5
14.5
56.6
26.5
1.5KE18A
1.5KE18CA
17.10
18.90
1
5
15.3
59.5
25.2
1.5KE20
1.5KE20C
18.00
22.00
1
5
16.2
51.5
29.1
1.5KE20A
1.5KE20CA
19.00
21.00
1
5
17.1
54.2
27.7
1.5KE22
1.5KE22C
19.80
24.20
1
5
17.8
47.0
31.9
1.5KE22A
1.5KE22CA
20.90
23.10
1
5
18.8
49.0
30.6
1.5KE24
1.5KE24C
21.60
26.40
1
5
19.4
43.2
34.7
1.5KE24A
1.5KE24CA
22.80
25.20
1
5
20.5
45.2
33.2
1.5KE27
1.5KE27C
24.30
29.70
1
5
21.8
38.4
39.1
1.5KE27A
1.5KE27CA
25.65
28.35
1
5
23.1
40.0
37.5
1.5KE30
1.5KE30C
27.00
33.00
1
5
24.3
34.5
43.5
1.5KE30A
1.5KE30CA
28.50
31.50
1
5
25.6
36.2
41.4
1.5KE33
1.5KE33C
29.70
36.30
1
5
26.8
31.4
47.7
1.5KE33A
1.5KE33CA
31.35
34.65
1
5
28.2
32.8
45.7
1.5KE36
1.5KE36C
32.40
39.60
1
5
29.1
28.8
52.0
1.5KE36A
1.5KE36CA
34.20
37.80
1
5
30.8
30.1
49.9
1.5KE39
1.5KE39C
35.10
42.90
1
5
31.6
26.6
56.4
1.5KE39A
1.5KE39CA
37.05
40.95
1
5
33.3
27.8
53.9
1.5KE43
1.5KE43C
38.70
47.30
1
5
34.8
24.2
61.9
1.5KE43A
1.5KE43CA
40.85
45.15
1
5
36.8
25.3
59.3
1.5KE47
1.5KE47C
42.30
51.70
1
5
38.1
22.1
67.8
1.5KE47A
1.5KE47CA
44.65
49.35
1
5
40.2
23.1
64.8
1.5KE51
1.5KE51C
45.90
56.10
1
5
41.3
20.4
73.5
1.5KE51A
1.5KE51CA
48.45
53.55
1
5
43.6
21.4
70.1
1.5KE56
1.5KE56C
50.40
61.60
1
5
45.4
18.6
80.5
1.5KE56A
1.5KE56CA
53.20
58.80
1
5
47.8
19.5
77.0
1.5KE62
1.5KE62C
55.80
68.20
1
5
50.2
16.9
89.0
1.5KE62A
1.5KE62CA
58.90
65.10
1
5
53.0
17.6
85.0
1.5KE68
1.5KE62C
61.20
74.80
1
5
55.1
15.3
98.0
1.5KE68A
1.5KE62CA
64.60
71.40
1
5
58.1
16.3
92.0
1.5KE75
1.5KE75C
67.50
82.50
1
5
60.7
13.9
108
1.5KE75A
1.5KE75CA
71.25
78.75
1
5
64.1
14.6
103
1.5KE82
1.5KE82C
73.80
90.20
1
5
66.4
12.7
118
1.5KE82A
1.5KE82CA
77.90
86.10
1
5
70.1
13.3
113
1.5KE91
1.5KE91C
81.90
100.10
1
5
73.7
11.5
131
1.5KE91A
1.5KE91CA
86.45
95.55
1
5
77.8
12.0
125
1.5KE100
1.5KE100C
90.00
110.00
1
5
81.0
10.4
144
1.5KE100A
1.5KE100CA
95.00
105.0
1
5
85.5
10.9
137
Maximum
Reverse
Surge
Current
Ipp(A)
@10x1000us
sinewave
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
1.5KE SERIES
Breakdown voltage VBR @
IT
Maximum
Reverse
Leakage
IR(uA)
@VRWM
Working
PeakRevers
e Voltage
VRWM
(Volts)
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
1.5KE SERIES
1500 WattsTransient Voltage Suppressor Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1.5KE350A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE350A TRSYS-1.5KE350A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE350A LUGUANG-1.5KE350A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Vishay Siliconix
1.5KE350A VISHAY-1.5KE350A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE350A VISHAY-1.5KE350A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Fairchild Semiconductor
1.5KE350A FAIRCHILD-1.5KE350A Datasheet
52Kb / 3P
   Discrete POWER & Signal Technologies
More results

Similar Description - 1.5KE350A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE6.8 TSC-1.5KE6.8_1 Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE600A LUGUANG-1.5KE600A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550 LUGUANG-1.5KE550 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE6.8 LUGUANG-1.5KE6.8 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550A LUGUANG-1.5KE550A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1N6267 LUGUANG-1N6267_17 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE LUGUANG-1.5KE Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_10 Datasheet
677Kb / 4P
   1500 WattsTransient Voltage Suppressor
logo
Microsemi Corporation
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5SMC6V8 ETC1-1.5SMC6V8 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com