Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN2304M3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTN2304M3
Description  30V N-CHANNEL Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN2304M3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTN2304M3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN2304M3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN2304M3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN2304M3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN2304M3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN2304M3 Datasheet HTML 6Page - Cystech Electonics Corp. MTN2304M3 Datasheet HTML 7Page - Cystech Electonics Corp. MTN2304M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C737M3
Issued Date : 2012.07.26
Revised Date : 2013.08.12
Page No. : 5/8
MTN2304M3
CYStek Product Specification
Typical Characteristics(Cont.)
Power Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
50
100
150
200
TA, Ambient Temperature(℃)
Mounted on FR-4 board
with 1 in² pad area
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*ZθJA(t)
4.RθJA=104°C/W


Similar Part No. - MTN2304M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN2304N3 CYSTEKEC-MTN2304N3 Datasheet
314Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
More results

Similar Description - MTN2304M3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com