Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN2604G6 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTN2604G6
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN2604G6 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

  MTN2604G6 Datasheet HTML 1Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 2Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 3Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 4Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTN2604G6 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C737G6
Issued Date : 2009.03.16
Revised Date : 2012.11.21
Page No. : 9/9
MTN2604G6
CYStek Product Specification
TSOP-6 Dimension
Millimeters
Marking:
6-Lead TSOP-6 Plastic
Surface Mounted Package
CYStek Package Code: G6
Style:
Pin 1. Drain
(D)
Pin 2. Drain
(D)
Pin 3. Gate
(G)
Pin 4. Source (S)
Pin 5. Drain
(D)
Pin 6. Drain
(D)
2604
□□□□
Device Name
Date Code
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.700
0.900
0.028
0.035
E
1.600
1.700
0.063
0.067
A1
0.000
0.100
0.000
0.004
E1
2.650
2.950
0.104
0.116
A2
0.700
0.800
0.028
0.031
e
0.95 (BSC)
0.037 (BSC)
b
0.350
0.500
0.014
0.020
e1
1.90 (BSC)
0.075 (BSC)
c
0.080
0.200
0.003
0.008
L
0.300
0.600
0.012
0.024
D
2.820
3.020
0.111
0.119
θ
0
°
8
°
0
°
8
°
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTN2604G6

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTN2604G6 VBSEMI-MTN2604G6 Datasheet
476Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - MTN2604G6

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com