Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN3023I3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # MTN3023I3
Description  N -Channel Logic Level Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN3023I3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  MTN3023I3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN3023I3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN3023I3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN3023I3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN3023I3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN3023I3 Datasheet HTML 6Page - Cystech Electonics Corp. MTN3023I3 Datasheet HTML 7Page - Cystech Electonics Corp. MTN3023I3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C737I3
Issued Date : 2012.11.06
Revised Date :
Page No. : 7/8
MTN3023I3
CYStek Product Specification
TO-251AB Dimension
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.2500
0.2618
6.35
6.65
I
0.0866
0.0945
2.20
2.40
B
0.2047
0.2126
5.20
5.40
J
0.2126
0.2244
5.40
5.70
C
0.5709
0.5866
14.50
14.90
K
0.2992
0.3071
7.60
7.80
D
0.0276
0.0354
0.70
0.90
L
0.0453
0.0492
1.15
1.25
E
0.0199
0.0276
0.50
0.70
M
0.0169
0.0228
0.43
0.58
F
0.0886
0.0925
2.25
2.35
N
0.1181 REF
3.00 REF
G
0.0886
0.0925
2.25
2.35
S
0.1969 REF
5.00 REF
H
0.0169
0.0228
0.43
0.58
T
0.1496 REF
3.80 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Marking:
Style: Pin 1.Gate 2.Drain 3.Source
3-Lead TO-251AB Plastic Package
CYStek Package Code: I3
3023
□□□□
Product
Name
Date
Code


Similar Part No. - MTN3023I3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN3023J3 CYSTEKEC-MTN3023J3 Datasheet
397Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTN3023I3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com