Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-57M5APZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-57M5APZ
Description  850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-57M5APZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-57M5APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-57M5APZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Table 7. Transmitter Optical Characteristics
(TC = -10°C to 85°C, VccT, VccR = 3.3V ±10%)
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Modulated Optical Output Power (OMA)
Tx,OMA
196
µW
Note 1
(Peak-to-Peak) 2.125 Gb/s
Modulated Optical Output Power (OMA)
Tx,OMA
156
µW
Note 2
(Peak-to-Peak) 1.0625 Gb/s
Average Optical Output Power
Pout
-9.0
dBm
Note 3, 4
Optical Extinction Ratio
ER
9
dB
Center Wavelength
lC
830
860
nm
Spectral Width – rms
s,rms
0.85
nm
Optical Rise/Fall Time (2.125 Gb/s)
tr, tf
150
ps
20% - 80%
RIN 12 (OMA)
RIN
-118
dB/Hz
Transmitter Contributed Total Jitter (2.125 Gb/s)
TJ
0.25
UI
Note 5
120
ps
Transmitter Contributed Total Jitter (1.0625 Gb/s)
TJ
0.27
UI
Note 5
252
ps
Transmitter Contributed Total Jitter (1.25 Gb/s)
TJ
0.284
UI
Note 5
227
ps
Pout TX_DISABLE Asserted
POFF
-35
dBm
Notes:
1. An OMA of 196 µW is approximately equal to an average power of –9 dBm, avg assuming an Extinction Ratio of 9 dB.
2. An OMA of 156 µW is approximately equal to an average power of –10 dBm, avg assuming an Extinction Ratio of 9 dB.
3. Max Pout is the lesser of Class 1 safety limits (CDRH and EN 60825) or receiver power, max.
4. Into 50/125 µm (0.2 NA) multi-mode optical fiber.
5. Contributed DJ is measured on an oscilloscope in average mode with 50% threshold and K28.5 pattern. Contributed TJ is the sum of
contributed RJ and contributed DJ. Contributed RJ is calculated for 1x10-12 BER by multiplying the RMS jitter (measured on a single rise or
fall edge) from the oscilloscope by 14. Per FC-PI (Table 13 - MM jitter output, note 1), the actual contributed RJ is allowed to increase above
its limit if the actual contributed DJ decreases below its limits, as long as the component output DJ and TJ remain within their specified FC-PI
maximum limits with the worst case specified component jitter input.


Similar Part No. - AFBR-57M5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ_15 Datasheet
286Kb / 19P
   Digital Diagnostic Optical Transceiver
More results

Similar Description - AFBR-57M5APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
288Kb / 19P
   Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
Analog Devices
AFBR-59R5ALZ AD-AFBR-59R5ALZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
Broadcom Corporation.
AFBR-57D7APZ BOARDCOM-AFBR-57D7APZ Datasheet
470Kb / 19P
   Digital Diagnostic SFP, 850 nm, 8.5/4.25/2.125 GBd Low Voltage (3.3 V) Fibre Channel RoHS Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com