Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN3820J3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTN3820J3
Description  N -Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN3820J3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTN3820J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTN3820J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C576J3
Issued Date : 2011.11.19
Revised Date : 2013.12.26
Page No. : 1/9
MTN3820J3
CYStek Product Specification
N -Channel Logic Level Enhancement Mode Power MOSFET
MTN3820J3
BVDSS
100V
ID
24A
64mΩ
VGS=10V, ID=18A
RDSON(TYP)
65mΩ
VGS=4V, ID=10A
Features
• Low Gate Charge
• Simple Drive Requirement
• Pb-free lead plating package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTN3820J3-0-T3-G
TO-252
(RoHS compliant & Halogen-free)
2500 pcs / Tape & Reel
TO-252(DPAK)
MTN3820J3
G
D S
G:Gate
D:Drain
S:Source
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - MTN3820J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN3820F3 CYSTEKEC-MTN3820F3 Datasheet
342Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN3820J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com