Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN04101 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN04101
Description  40.96MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN04101 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN04101 Datasheet HTML 1Page - SIPAT Co,Ltd LBN04101 Datasheet HTML 2Page - SIPAT Co,Ltd LBN04101 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN04101
Rev. Date
2011-06-27
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
40.96MHz SAW Filter
9MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN04101
Typical Performance
Frequency Response
Passband Response
20
25
30
35
40
45
50
55
60
65
-116.366
-106.366
-96.366
-86.366
-76.366
-66.366
-56.366
-46.366
-36.366
-26.366
-16.366
Type Performance
Frequency(MHz)
32
34
36
38
40
42
44
46
48
50
-28.866
-28.366
-27.866
-27.366
-26.866
-26.366
-25.866
-25.366
-24.866
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4.5MHz)
Phase Linearity(f0±4.5MHz)
34
36
38
40
42
44
46
48
3000
3200
3400
3600
3800
4000
4200
4400
X: 40.96
Y: 3735
Type Performance
Frequency(MHz)
X: 45.46
Y: 3704
X: 36.46
Y: 3711
34
36
38
40
42
44
46
48
-30
-20
-10
0
10
20
30
X: 36.46
Y: -2.18
Type Performance
Frequency(MHz)
X: 40.96
Y: 1.613
X: 45.46
Y: 5.154
Horizontal: 2MHz/Div
Vertical: 200ns/Div
Horizontal: 2MHz/Div
Vertical: 10deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Similar Part No. - LBN04101

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN04101 SIPAT-LBN04101 Datasheet
133Kb / 3P
   40.96MHz SAW Filter 9MHz Bandwidth
More results

Similar Description - LBN04101

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN04101 SIPAT-LBN04101 Datasheet
133Kb / 3P
   40.96MHz SAW Filter 9MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com