Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN80L32RMS Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN80L32RMS
Description  Positive output, low dropout voltage regulator (150 mA type)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80L32RMS Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN80L32RMS Datasheet HTML 2Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 3Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 4Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 5Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 6Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 7Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 8Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 9Page - Panasonic Semiconductor AN80L32RMS Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
AN80LxxRMS Series
6
SFF00008DEB
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VIN = 3.0 V, IOUT = 50 mA
1.940
2.0
2.060
V
Line regulation 1
REGIN1 VIN = 3.0 V → 14.5 V, IOUT = 50 mA
10
50
mV
Line regulation 2
REGIN2 VIN = 3.0 V → 9 V, IOUT = 50 mA
520
mV
Load regulation *
1
REGLOA VIN = 3.0 V, IOUT = 0 mA → 150 mA
50
150
mV
Peak output current *
2
IPEAK
VIN = 3.0 V, The output current value
180
240
mA
when VOUT decreases by 5% from its
value at IOUT = 50 mA.
Bias current under no load
IBIAS
VIN = 3.0 V, IOUT = 0 mA

350
µA
Bias current fluctuation to load
∆I
BIAS
VIN = 3.0 V, IOUT = 0 mA → 150 mA

5mA
Standby consumption current
ISTB
VIN = 10 V, VCONT = 0 V

0.1
µA
Bias current before starting
IRUSH
VIN = 1.7 V, IOUT = 0 mA
1.5
5
mA
regulation
Ripple rejection ratio
RR
1 V[rms], f
= 120 Hz, I
OUT = 10 mA
62
70
dB
Minimum input/
VDIF(min)1 VIN = 1.7 V, IOUT = 0 mA
0.1
0.2
V
output voltage difference 1
Minimum input/
VDIF(min)2 VIN = 2.3 V, IOUT = 150 mA

0.4
V
output voltage difference 2
Control terminal threshold high voltage VCONTH VIN = 3.0 V, IOUT = 50 mA

1.50
V
Control terminal threshold low voltage VCONTL VIN = 3.0 V, IOUT = 50 mA
0.30

V
Control terminal current
ICONT
VIN = 3.0 V, IOUT = 50 mA

30
µA
VCONT = 1.8 V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output noise voltage
VNO
10 Hz
≤ f ≤ 100 kHz, I
OUT = 10 mA
42
µV
Output voltage tempera-
1
·
dVOUT VIN = 3.0 V, IOUT = 0 mA
90
ppm/
°C
ture coefficient
VOUT
dT
−30°C ≤ T
a ≤ +85°C
Output rise time *
tON
VIN = 3.0 V, IOUT = 50 mA
0.10
ms
VCONT = 0 V → 1.8 V, CIN = 0.1 µF
COUT = 10 µF, VOUT = 90%
Note) *: Refer to "s Application Notes 3. Output rise-time characteristics".
Note) *1: 1.0 Ω
*2: Peak output current: The output current when the output voltage has been decreased by 5% from the value at the time
when the output current is 50 mA due to the overcurrent protection.
s Electrical Characteristics at Ta = 25°C (continued)
• AN80L20RMS (2.0 V type)
Unless otherwise specially provided, shorten each test time (within 10 ms) so that the test is conducted under the condition
that the drift due to the temperature increase in the chip junction part can be neglected. CIN = 0.1 µF, COUT = 10 µF
• Design reference data
Note) The following values are typical and not guaranteed values.


Similar Part No. - AN80L32RMS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80L32RMS PANASONIC-AN80L32RMS Datasheet
176Kb / 26P
   Low-drop type positive output voltage regulator IC
More results

Similar Description - AN80L32RMS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
138Kb / 4P
   150 mA Low Dropout Voltage Regulator
logo
Panasonic Semiconductor
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Panasonic Semiconductor
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
logo
ON Semiconductor
NCV4266 ONSEMI-NCV4266 Datasheet
122Kb / 11P
   150 mA Low-Dropout Voltage Regulator with Enable
June, 2012 ??Rev. 2
NCP400 ONSEMI-NCP400 Datasheet
95Kb / 14P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output
April, 2005 ??Rev. 3
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com