Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA210S Datasheet(PDF) 1 Page - Clare, Inc.

Part # LDA210S
Description  Solid State Current Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA210S Datasheet(HTML) 1 Page - Clare, Inc.

  LDA210S Datasheet HTML 1Page - Clare, Inc. LDA210S Datasheet HTML 2Page - Clare, Inc. LDA210S Datasheet HTML 3Page - Clare, Inc. LDA210S Datasheet HTML 4Page - Clare, Inc. LDA210S Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.clare.com
LDA210
DS-LDA200-R1
Solid State Current Sensors
Applications
Features
Description
Approvals
Ordering Information
LDA210
Units
Break Down Voltage
20
V
Current Transfer Ratio
1000
%
Saturation Voltage
.8
V
Input Control Current
2
mA
Pin Configuration
LDA210 is a dual optocoupler with a single or darlington
transistor output. A bi-directional or uni-directional input is
available depending on which model you choose.
Current transfer ratios range from 33% to 1000%
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Loop Detect
Ring Detect
•ºCurrent Sensing
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
BS EN 41003:1993
Certificate #:7344
AC and DC Input Versions Available
Small 8 Pin DIP Package
100mA Continuous Load Rating
3750V
RMS Input/Output Isolation
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Part #
Description
LDA210
8 Pin DIP (50/Tube)
LDA210S
8 Pin Surface Mount (50/Tube)
LDA210STR
8 Pin Surface Mount (1000/Reel)
1
2
3
4
8
7
6
5
LDA210 Pinout


Similar Part No. - LDA210S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDA210S IXYS-LDA210S Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
LDA210STR IXYS-LDA210STR Datasheet
118Kb / 6P
   Dual Optocouplers, Bidirectional Input Darlington-Transistor Output
More results

Similar Description - LDA210S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA110 CLARE-LDA110 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA111 CLARE-LDA111 Datasheet
69Kb / 5P
   Solid State Current Sensors
LDA101 CLARE-LDA101 Datasheet
68Kb / 5P
   Solid State Current Sensors
LDA200 CLARE-LDA200 Datasheet
70Kb / 5P
   Solid State Current Sensors
LDA201 CLARE-LDA201 Datasheet
70Kb / 5P
   Solid State Current Sensors
logo
Honeywell Solid State E...
CSN HONEYWELL-CSN Datasheet
712Kb / 9P
   Solid State Sensors Closed Loop Current Sensors
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
   Solid State Pressure Sensors
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
   Solid State Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com