Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN06606 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN06606
Description  66.4MHz IF SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN06606 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN06606 Datasheet HTML 1Page - SIPAT Co,Ltd LBN06606 Datasheet HTML 2Page - SIPAT Co,Ltd LBN06606 Datasheet HTML 3Page - SIPAT Co,Ltd LBN06606 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN06606
Rev. Date
2007-08-08
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
66.4MHz IF SAW Filter
10MHz Bandwidth
Part Number: LBN06606
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
66.3
66.4
66.5
Insertion Loss
dB
-
28.3
29
1 dB Bandwidth
MHz
10.1
10.13
-
3 dB Bandwidth
MHz
-
10.3
-
35 dB Bandwidth
MHz
-
10.9
11
40 dB Bandwidth
MHz
-
10.93
-
45 dB Bandwidth
MHz
-
10.96
-
50 dB Bandwidth
MHz
-
10.99
12.2
55 dB Bandwidth
MHz
-
11.07
20.2
Passband Variation
dB
-
0.8
1
Absolute Delay
usec
-
4.13
4.5
Ultimate Rejection(f0±15MHz)
dB
55
60
-
Material Temperature coefficient
KHz/°C
-6.24
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN06606

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN06606 SIPAT-LBN06606 Datasheet
140Kb / 4P
   66.4MHz IF SAW Filter 10MHz Bandwidth
More results

Similar Description - LBN06606

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN06606 SIPAT-LBN06606 Datasheet
140Kb / 4P
   66.4MHz IF SAW Filter 10MHz Bandwidth
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
X3402 EPCOS-X3402 Datasheet
251Kb / 9P
   SAW IF filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com