Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQG4902TU Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FQG4902TU
Description  250V Dual N & P-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQG4902TU Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FQG4902TU Datasheet HTML 4Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 5Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 6Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 7Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 8Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 9Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 10Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 11Page - Fairchild Semiconductor FQG4902TU Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, April 2002
Peak Diode Recovery dv/dt Test Circuit & Waveforms (P-Channel)
DUT
V
DS
+
_
Driver
RG
Compliment of DUT
(N-Channel)
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
V
DD
L
I
SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
RG
Compliment of DUT
(N-Channel)
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
V
DD
L
L
I
SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - FQG4902TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQG4902 FAIRCHILD-FQG4902 Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
More results

Similar Description - FQG4902TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQG4902 FAIRCHILD-FQG4902 Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com