Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOC110S Datasheet(PDF) 1 Page - Clare, Inc.

Part # LOC110S
Description  Linear Optocouplers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC110S Datasheet(HTML) 1 Page - Clare, Inc.

  LOC110S Datasheet HTML 1Page - Clare, Inc. LOC110S Datasheet HTML 2Page - Clare, Inc. LOC110S Datasheet HTML 3Page - Clare, Inc. LOC110S Datasheet HTML 4Page - Clare, Inc. LOC110S Datasheet HTML 5Page - Clare, Inc. LOC110S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
LOC110
DS-LOC110-R6
Linear Optocouplers
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
LOC110 is a linear optocoupler for use in telecom, med-
ical and power supply isolation circuits. They are available
in 8 pin DIP, surface mount or flatpack packages.
Modem Transformer Replacement With No
Insertion Loss
Digital Telephone Isolation
Power Supply Feedback Voltage/Current
Medical Sensor Isolation
Audio Signal Interfacing
Isolation of Process Control Transducers
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
BS EN 41003:1993
Certificate #:7344
8 Pin Flatpack or DIP PAckage (PCMCIA Compatible)
Couples Analog and Digital Signals
Wide Bandwidth (>200kHz)
High Gain Stability
Low Input/Output Capacitance
Low Power Consumption
0.01% Servo Linearity
THD 87dB Typical
Machine Insertable, Wave Solderable
Surface Mount and Tape Reel Versions Available
VDE Compatible
Part #
Description
LOC110
8 Pin DIP (50/Tube)
LOC110P
8 Pin Flatpack (50/Tube)
LOC110PTR
8 Pin Flatpack (1000/Reel)
LOC110S
8 Pin Surface Mount (50/Tube)
LOC110STR
8 Pin Surface Mount (1000/Reel)
LOC110 Pinout
Ð LED
+ LED
+Vcc
1
I1
NC
NC
+Vcc
2
I2
1
2
3
4
8
7
6
5


Similar Part No. - LOC110S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LOC110S IXYS-LOC110S Datasheet
123Kb / 6P
   Single Linear Optocoupler
LOC110STR IXYS-LOC110STR Datasheet
123Kb / 6P
   Single Linear Optocoupler
More results

Similar Description - LOC110S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC211 CLARE-LOC211 Datasheet
74Kb / 5P
   Linear Optocouplers
LOC112 CLARE-LOC112 Datasheet
139Kb / 6P
   Linear Optocouplers
LOC210 CLARE-LOC210 Datasheet
74Kb / 5P
   Linear Optocouplers
LOC111 CLARE-LOC111 Datasheet
139Kb / 6P
   Linear Optocouplers
LOC211P CLARE-LOC211P Datasheet
395Kb / 4P
   Linear Optocouplers
logo
IXYS Corporation
LOC210 IXYS-LOC210 Datasheet
107Kb / 5P
   Dual Linear Optocouplers
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
   Optocouplers
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
   OPTOCOUPLERS
logo
Texas Instruments
TIL124 TI-TIL124 Datasheet
632Kb / 8P
[Old version datasheet]   OPTOCOUPLERS
TIL127 TI-TIL127 Datasheet
235Kb / 6P
[Old version datasheet]   OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com