Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFW20R-12ST Datasheet(PDF) 5 Page - FCI connector

Part # SFW20R-12ST
Description  CAT NO. TABLE FOR 1mm SPACING SMT CONNECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

SFW20R-12ST Datasheet(HTML) 5 Page - FCI connector

  SFW20R-12ST Datasheet HTML 1Page - FCI connector SFW20R-12ST Datasheet HTML 2Page - FCI connector SFW20R-12ST Datasheet HTML 3Page - FCI connector SFW20R-12ST Datasheet HTML 4Page - FCI connector SFW20R-12ST Datasheet HTML 5Page - FCI connector SFW20R-12ST Datasheet HTML 6Page - FCI connector SFW20R-12ST Datasheet HTML 7Page - FCI connector SFW20R-12ST Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PDM: Rev:B
Released
.
STATUS:
Printed: Oct 09, 2009


Similar Part No. - SFW20R-12ST

ManufacturerPart #DatasheetDescription
logo
FCI connector
SFW20R-1/2STE9LF FCI-CONNECTOR-SFW20R-1/2STE9LF Datasheet
843Kb / 9P
   LIST OF SFWR-1 2STE9LF CUSTOMER DOCUMENT
SFW20R-1STE1LF FCI-CONNECTOR-SFW20R-1STE1LF Datasheet
850Kb / 9P
   LIST OF SFW_R-1/STE1LF CUSTOMER DOCUMENT
SFW20R-1STLF FCI-CONNECTOR-SFW20R-1STLF Datasheet
850Kb / 9P
   LIST OF SFW_R-1/STE1LF CUSTOMER DOCUMENT
More results

Similar Description - SFW20R-12ST

ManufacturerPart #DatasheetDescription
logo
FCI connector
SLW24R-1C7LF FCI-CONNECTOR-SLW24R-1C7LF Datasheet
742Kb / 9P
   CAT NO. TABLE FOR 1mm SPACING CONNECTOR
SLW22R-1C7LF FCI-CONNECTOR-SLW22R-1C7LF Datasheet
742Kb / 9P
   CART NO. TABLE FOR 1mm SPACING CONNECTOR
SFRXR-1STXXLF_DWG FCI-CONNECTOR-SFRXR-1STXXLF_DWG Datasheet
557Kb / 7P
   CAT NO. TABLE FOR 0.8mm SPACING CONNECTOR
SLP9R-2LF FCI-CONNECTOR-SLP9R-2LF Datasheet
361Kb / 5P
   CAT. No. TABLE FOR 1.25mm SPACING CONNECTOR (Cat. No. SLP R/S-2LF)
logo
Taoglas antenna solutio...
CC.001 TAOGLAS-CC.001 Datasheet
415Kb / 8P
   SMT C-Clip Connector with 1mm Working Height
logo
Harwin Plc
M40-3100345R HARWIN-M40-3100345R Datasheet
143Kb / 2P
   1mm PITCH DIL SMT SKT ASSEMBLY
logo
Hirose Electric
FX5-20P-SH HIROSE-FX5-20P-SH Datasheet
212Kb / 7P
   1mm Pitch Connector for Vertical Connection
logo
FCI connector
HFW26R-1STE1LF FCI-CONNECTOR-HFW26R-1STE1LF Datasheet
769Kb / 10P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW14R-1STE1 FCI-CONNECTOR-HFW14R-1STE1 Datasheet
761Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
HFW10S-2STE1LF FCI-CONNECTOR-HFW10S-2STE1LF Datasheet
602Kb / 7P
   HFW_S Documents Configuration (1mm Contact Spacing connector)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com