Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLA104 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FXLA104
Description  Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA104 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FXLA104 Datasheet HTML 5Page - Fairchild Semiconductor FXLA104 Datasheet HTML 6Page - Fairchild Semiconductor FXLA104 Datasheet HTML 7Page - Fairchild Semiconductor FXLA104 Datasheet HTML 8Page - Fairchild Semiconductor FXLA104 Datasheet HTML 9Page - Fairchild Semiconductor FXLA104 Datasheet HTML 10Page - Fairchild Semiconductor FXLA104 Datasheet HTML 11Page - Fairchild Semiconductor FXLA104 Datasheet HTML 12Page - Fairchild Semiconductor FXLA104 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLA104 • Rev. 1.0.9
9
AC Characteristics
VCCA = 3.0V to 3.6V, TA=-40 to 85°C
Symbol
Parameter
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Units
Min.
Max.
Min.
Max.
Min.
Max
Min.
Max.
Typ.
tPLH,tPHL
A to B
0.2
4.0
0.3
4.2
0.5
5.4
0.6
6.8
6.9
ns
B to A
0.2
4.0
0.2
4.1
0.3
5.0
0.5
6.0
4.5
ns
tPZL,tPZH
/OE to A,
/OE to B
1.7
1.7
1.7
1.7
1.7
µs
tSKEW
A Port,
B Port
(11)
0.5
0.5
0.5
1.0
1.0
ns
VCCA = 2.3V to 2.7V, TA=-40 to 85°C
Symbol
Parameter
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Units
Min.
Max.
Min.
Max.
Min.
Max
Min.
Max.
Typ.
tPLH,tPHL
A to B
0.2
4.1
0.4
4.5
0.5
5.6
0.8
6.9
7.0
ns
B to A
0.3
4.2
0.4
4.5
0.5
5.5
0.5
6.5
4.8
ns
tPZL,tPZH
/OE to A,
/OE to B
1.7
1.7
1.7
1.7
1.7
µs
tSKEW
A Port,
B Port
(11)
0.5
0.5
0.5
1.0
1.0
ns
VCCA = 1.65V to 1.95V, TA=-40 to 85°C
Symbol
Parameter
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Units
Min.
Max.
Min.
Max.
Min.
Max
Min.
Max.
Typ.
tPLH,tPHL
A to B
0.3
5.0
0.5
5.5
0.8
6.7
0.9
7.5
7.5
ns
B to A
0.5
5.4
0.5
5.6
0.8
6.7
1.0
7.0
5.4
ns
tPZL,tPZH
/OE to A,
/OE to B
1.7
1.7
1.7
1.7
1.7
µs
tSKEW
A Port,
B Port
(11)
0.5
0.5
0.5
1.0
1.0
ns
Note:
11. Skew is the variation of propagation delay between output signals and applies only to output signals on the
same port (An or Bn) and switching with the same polarity (LOW-to-HIGH or HIGH-to-LOW) (see Figure 11).
Skew is guaranteed, but not tested.


Similar Part No. - FXLA104

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
logo
ON Semiconductor
FXLA104 ONSEMI-FXLA104 Datasheet
229Kb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
FXLA104UM12X ONSEMI-FXLA104UM12X Datasheet
229Kb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
logo
Fairchild Semiconductor
FXLA104UM12X FAIRCHILD-FXLA104UM12X_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UMX FAIRCHILD-FXLA104UMX Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results

Similar Description - FXLA104

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com