Selected language     English  ▼


M-8870 Datasheet(PDF) 1 Page - Clare, Inc.

Part No. M-8870
Description  DTMF Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

   
 1 page
background image
Part #
Description
M-8870-01
18-pin plastic DIP
M-8870-01SM
18-pin plastic SOIC
M-8870-01SMTR
18-pin plastic SOIC, tape and reel
M-8870-02
18-pin plastic DIP, power-down,
option
M-8870-02SM
18-pin plastic SOIC, power-down,
option
M-8870-02T
18-pin plastic SOIC, power-down
option, tape and reel
www.clare.com
DS-M8870-R3
M-8870
DTMF Receiver
1
Block Diagram
Pin Configuration
Ordering Information
Features
Low Power Consumption
Adjustable Acquisition and Release Times
Central Office Quality and Performance
Power-down and Inhibit Modes (-02 only)
Inexpensive 3.58 MHz Time Base
Single 5 Volt Power Supply
Dial Tone Suppression
Applications
Telephone switch equipment
Remote data entry
Paging systems
Personal computers
Credit card systems
Description
The M-8870 is a full DTMF Receiver that integrates
both bandsplit filter and decoder functions into a single
18-pin DIP or SOIC package. Manufactured using
CMOS process technology, the M-8870 offers low
power consumption (35 mW max) and precise data
handling. Its filter section uses switched capacitor
technology for both the high and low group filters and
for dial tone rejection. Its decoder uses digital counting
techniques to detect and decode all 16 DTMF tone
pairs into a 4-bit code. External component count is
minimized by provision of an on-chip differential input
amplifier, clock generator, and latched tri-state inter-
face bus. Minimal external components required
include a low-cost 3.579545 MHz color burst crystal, a
timing resistor, and a timing capacitor.
The M-8870-02 provides a “power-down” option
which, when enabled, drops consumption to less
than 0.5 mW. The M-8870-02 can also inhibit the
decoding of fourth column digits (see Tone Decoding
table on page 5).




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU8871FDTMF receiver for telephones 1 2 3 4 5 MoreRohm
IN9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
BU8872DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC7385DTMF Receiver 1 2 3 4 5 MoreSanyo Semicon Device
CD222025V Low Power DTMF Receiver 1 2 3 4 5 MoreIntersil Corporation
IL9270NDTMF signal receiver 1 2 3 4 5 List of Unclassifed Manufacturers
HT9172DTMF Receiver 1 2 3 4 5 MoreHoltek Semiconductor Inc
BU8874DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC73860DTMF Receiver IC 1 2 3 4 5 MoreSanyo Semicon Device
CD222045V Low Power Subscriber DTMF Receiver 1 2 3 4 5 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl