Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-61VY Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-61VY
Description  Special SOP4-pin package with Dielectric strength AC 3.75 kV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-61VY Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-61VY Datasheet HTML 1Page - Omron Electronics LLC G3VM-61VY Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G3VM-61VY
G3VM-61VY
■ Absolute Maximum Ratings (Ta = 25°C)
■ Electrical Characteristics (Ta = 25°C)
■ Recommended Operating Conditions
Use the G3VM under the following conditions so that the Relay will operate properly.
■ Engineering Data
Load Current vs. Ambient Temperature
G3VM-61VY
■ Safety Precautions
Refer to “Common Precautions” for all G3VM models.
Item
Symbol
Rating
Unit
Measurement Conditions
Input
LED forward current
IF
50
mA
Repetitive peak LED forward current
IFP
1
A
100
µs pulses, 100 pps
LED forward current reduction rate
∆ IF/°C
−0.5
mA/
°CTa ≥ 25°C
LED reverse voltage
VR
5V
Connection temperature
Tj
125
°C
Output
Load voltage (AC peak/DC)
VOFF
60
V
Continuous load current (AC peak/DC)
IO
70
mA
ON current reduction rate
∆ IO/°C
−0.7
mA/
°CTa ≥ 25°C
Connection temperature
Tj
125
°C
Dielectric strength between input and
output (See note 1.)
VI-O
3,750
Vrms
AC for 1 min
Operating temperature
Ta
−40 to +85
°C
With no icing or condensation
Storage temperature
Tstg
−55 to +125 °C
With no icing or condensation
Soldering temperature (10 s)
---
260
°C10 s
Note:
1. The dielectric strength between the
input and output was checked by ap-
plying voltage between all pins as a
group on the LED side and all pins
as a group on the light-receiving
side.
Item
Symbol
Mini-
mum
Typical
Maxi-
mum
Unit
Measurement
conditions
Input
LED forward voltage
VF
1.0
1.15
1.3
V
IF = 10 mA
Reverse current
IR
---
---
10
µAVR = 5 V
Capacity between terminals
CT
---
30
---
pF
V = 0, f = 1 MHz
Trigger LED forward current
IFT
---
0.6
2
mA
IO = 70 mA
Output
Maximum resistance with output ON
RON
---
25
50
IF = 3 mA,
IO = 70 mA
Current leakage when the relay is
open
ILEAK
---
1
1000
nA
VOFF = 60 V
Capacity between I/O terminals
CI-O
---
0.4
---
pF
f = 1 MHz, Vs = 0 V
Insulation resistance
RI-O
1,000
---
---
M
VI-O = 500 VDC,
RoH ≤ 60%
Turn-ON time
tON
---
1
5
ms
IF = 3 mA, RL = 200 Ω,
VDD = 10 V (See note 2.)
Turn-OFF time
tOFF
---
0.5
5
ms
VOUT
IF
t ON
t OFF
10%
90%
IF
1
2
4
3
RL
VDD
VOUT
Note:
2. Turn-ON and Turn-OFF
Times
Item
Symbol
Minimum
Typical
Maximum
Unit
Load voltage (AC peak/DC)
VDD
---
---
48
V
Operating LED forward current
IF
---
3
25
mA
Continuous load current (AC peak/DC)
IO
---
---
60
mA
Operating temperature
Ta
− 20
---
65
°C
Ambient temperature (
°C)
100
80
60
40
20
0
−20
0
20
40
60
80
100


Similar Part No. - G3VM-61VY

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-61VY1 OMRON-G3VM-61VY1 Datasheet
2Mb / 6P
   MOS FET Relays SOP 4-pin, General-purpose Type
G3VM-61VY2 OMRON-G3VM-61VY2 Datasheet
2Mb / 6P
   MOS FET Relays SOP 4-pin, General-purpose Type
G3VM-61VY3 OMRON-G3VM-61VY3 Datasheet
2Mb / 6P
   MOS FET Relays SOP 4-pin, General-purpose Type
More results

Similar Description - G3VM-61VY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
   Exceptional dielectric strength
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
   3kV dielectric strength
logo
Analog Devices
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
logo
Panasonic Semiconductor
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
   Miniature SOP4-pin with C횞R10 40V load voltage
logo
Omron Electronics LLC
G3VM-41AY1 OMRON-G3VM-41AY1 Datasheet
283Kb / 8P
   Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
logo
American Zettler, Inc.
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
   Dielectric strength 5000 Vrms
AZ888 AZETTLER-AZ888 Datasheet
1Mb / 4P
   Dielectric strength 3000 Vrms
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com