Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7800A Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7800A
Description  15 kV/關s Common-Mode Rejection at VCM = 1000 V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7800A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image

Regulatory Information
The HCPL-7800(A) has been approved by the following organizations:
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics[1]
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage 300 Vrms
for rated mains voltage 600 Vrms
I-IV
I-III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
VPEAK
Input to Output Test Voltage, Method b[2]
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec, Partial discharge < 5 pC
VPR
1670
VPEAK
Input to Output Test Voltage, Method a[2]
VIORM x 1.5 = VPR, Type and Sample Test,
tm = 60 sec, Partial discharge < 5 pC
VPR
1336
VPEAK
Highest Allowable Overvoltage
(Transient Overvoltage tini = 10 sec)
VIOTM
6000
VPEAK
Safety-limiting values—maximum values
allowed in the event of a failure.
Case Temperature
Input Current[3]
Output Power[3]
TS
IS,INPUT
PS,OUTPUT
175
400
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2): 2003-01.
UL
Approved under UL 1577, component
recognition program up to VISO = 3750 Vrms.
CSA
Approved under CSA Component Acceptance
Notice #5, File CA 88324.
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings which
must be ensured by protective circuits within the application. Surface Mount Classification is
Class A in accordance with CECC00802.
2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Cata-
log, under Product Safety Regulations section, (IEC/EN/DIN EN 60747-5-2) for a detailed descrip-
tion of Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS and IS on ambient temperature.
0
0
TA - CASE TEMPERATURE -
oC
200
50
400
125
25
75
100
150
600
800
200
100
300
500
700
175
P S (mW)
IS (mA)


Similar Part No. - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800A HP-HCPL-7800A Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800A HP-HCPL-7800A Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   Isolation Amplifer
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com