Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11A1MFN Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC68HC11A1MFN
Description  8-Bit Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11A1MFN Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC68HC11A1MFN Datasheet HTML 2Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 3Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 4Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 5Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 6Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 7Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 8Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 9Page - Motorola, Inc MC68HC11A1MFN Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
MOTOROLA
MC68HC11A8
6
MC68HC11A8TS/D
Figure 3 48-Pin DIP Pin Assignments
2 Operating Modes and Memory Maps
In single-chip operating mode, the MC68HC11A8 is a monolithic microcontroller without external ad-
dress or data buses.
In expanded multiplexed operating mode, the MCU can access a 64 Kbyte address space. The space
includes the same on-chip memory addresses used for single-chip mode plus external peripheral and
memory devices. The expansion bus is made up of ports B and C and control signals AS and R/W. The
address, R/W, and AS signals are active and valid for all bus cycles including accesses to internal mem-
ory locations. The following figure illustrates a recommended method of demultiplexing low-order ad-
dresses from data at port C.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
PA7/PAI/OC1
PA6/OC2/OC1
PA5/OC3/OC1
PA4/OC4/OC1
PA3/OC5/OC1
PA2/IC1
PA1/IC2
PA0/IC3
PB7/A15
PB6/A14
PB5/A13
PB4/A12
PB3/A11
PB2/A10
PB1/A9
PB0/A8
PE0/AN0
PE1/AN1
PE2/AN2
PE3/AN3
MODB/VSTBY
VRL
VRH
VSS
VDD
PD5/SS
PD4/SCK
PD3/MOSI
PD2/MISO
PD1/TxD
PD0/RxD
IRQ
XIRQ
RESET
PC7/A7/D7
PC6/A6/D6
PC5/A5/D5
PC4/A4/D4
PC3/A3/D3
PC2/A2/D2
PC1/A1/D1
PC0/A0/D0
XTAL
EXTAL
STRB/ R/W
E
STRA/AS
MODA/LIR


Similar Part No. - MC68HC11A1MFN

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC11A1MFN FREESCALE-MC68HC11A1MFN Datasheet
3Mb / 52P
   8-Bit Microcontrollers
logo
NXP Semiconductors
MC68HC11A1MFN NXP-MC68HC11A1MFN Datasheet
3Mb / 52P
   8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11A1MFN2 MOTOROLA-MC68HC11A1MFN2 Datasheet
776Kb / 158P
   HCMOS Single-Chip Microcontroller
More results

Similar Description - MC68HC11A1MFN

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com