Selected language     English  ▼


M-8870-02 Datasheet(PDF) 2 Page - Clare, Inc.

Part No. M-8870-02
Description  DTMF Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

   
 2 page
background image
Operating Characteristics - Gain Setting Amplifier
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Input leakage current
I
N
-
± 100
-
nA
V
SS < VIN < VDD
Input resistance
R
IN
4-
-
M
-
Input offset voltage
V
OS
-± 25
-
mV
-
Power supply rejection
PSRR
50
-
-
dB
1 KHz
Common mode rejection
CMRR
55
-
-
dB
-3.0V < V
IN < 3.0V
DC open loop voltage gain
A
VOL
60
-
-
dB
-
Open loop unity gain bandwidth
f
C
1.2
1.5
-
MHz
-
Output voltage swing
V
O
3.5
-
-
V
P-P
RL
≈ 100 KΩ to V
SS
Tolerable capacitive load (GS)
C
L
-
-
100
pF
-
Tolerable resistive load (GS)
R
L
--
50
k
-
Common mode range
V
CM
2.5
-
-
V
P-P
No load
*Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Notes:
1. All voltages referenced to V
SS unless otherwise noted. For typical values, VDD = 5.0V, VSS = 0V, TA = 25°C.
DC Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Operating supply voltage
V
DD
4.75
-
5.25
V
-
Operating supply current
I
DD
-
3.0
7.0
mA
-
Standby supply current (see Note 3)
I
DDQ
-
-
100
µA
PD=V
DD
Power consumption
P
O
-
15
35
mW
f = 3.579 MHz, V
DD = 5.0 V
Low level input voltage
V
IL
-
-
1.5
V
-
High level input voltage
V
IH
3.5
-
-
V
-
Input leakage current
I
IH/IIL
-
0.1
-
µA
V
IN = VSS or VDD (see Note 2)
Pullup (source) current on OE
I
SO
-
6.5
15.0
µA
OE = 0 V
Input impedance, signal inputs 1, 2
R
IN
810
-
m
@ 1 kHz
Steering threshold voltage
V
TSt
2.2
-
2.5
V
-
Low level output voltage
V
OL
-
-
0.03
V
No load
High level output voltage
V
OH
V
DD - 0.03
-
-
V
No load
Output low (sink) current
I
OL
1.0
2.5
-
mA
V
OUT = 0.4 V
Output high (source) current
I
OH
0.4
0.8
-
mA
V
OUT = VDD - 0.4 V
Output voltage V
REF
V
REF
2.4
-
2.7
V
No load
Output resistance V
REF
R
OR
-10
-
k
-
*Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Absolute Maximum Ratings
Parameter
Symbol
Value
Power supply voltage (V
DD - VSS)VDD
6.0 V max
Voltage on any pin
V
DC
V
SS -0.3, VDD +0.3
Current on any pin
I
DD
10 mA max
Operating temperature
T
A
-40°C to + 85°C
Storage temperature
T
S
-65°C to + 150°C
Note:
Exceeding these ratings may cause permanent damage. Functional operation under
these conditions is not implied.
www.clare.com
2
M-8870
Rev. 3
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU8871FDTMF receiver for telephones 1 2 3 4 5 MoreRohm
IN9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
BU8872DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC7385DTMF Receiver 1 2 3 4 5 MoreSanyo Semicon Device
CD222025V Low Power DTMF Receiver 1 2 3 4 5 MoreIntersil Corporation
IL9270NDTMF signal receiver 1 2 3 4 5 List of Unclassifed Manufacturers
HT9172DTMF Receiver 1 2 3 4 5 MoreHoltek Semiconductor Inc
BU8874DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC73860DTMF Receiver IC 1 2 3 4 5 MoreSanyo Semicon Device
CD222045V Low Power Subscriber DTMF Receiver 1 2 3 4 5 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl