Selected language     English  ā–¼


M-8870-02 Datasheet(PDF) 5 Page - Clare, Inc.

Part No. M-8870-02
Description  DTMF Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CLARE [Clare, Inc.]
Homepage  http://www.clare.com
Logo 

   
 5 page
background image
Tone Decoding
FLOW
FHIGH
Key (ref.)
OE
Q4
Q3
Q2
Q1
697
1209
1
H
0
0
0
1
697
1336
2
H
0
0
1
0
697
1477
3
H
0
0
1
1
770
1209
4
H
0
1
0
0
770
1336
5
H
0
1
0
1
770
1477
6
H
0
1
1
0
852
1209
7
H
0
1
1
1
852
1336
8
H
1
0
0
0
852
1477
9
H
1
0
0
1
941
1336
0
H
1
0
1
0
941
1209
S
H
1
0
1
1
941
1477
#
H
1
1
0
0
697
1633
A
H
1
1
0
1
770
1633
B
H
1
1
1
0
852
1633
C
H
1
1
1
1
941
1633
D
H
0
0
0
0
ANY
ANY
ANY
L
Z
Z
Z
Z
L = logic low, H = logic high, Z = high impedance
M-8870
www.clare.com
5
Rev. 3
Differential Input Configuration
Common Crystal Connection
stops the oscillator and the functioning of the filters.
On the M-8870-01 models, this pin is tied to ground
(logic low).
Inhibit mode is enabled by a logic high input to pin 5
(INH). It inhibits the detection of 1633 Hz. The output
code will remain the same as the previous detected
code (see Pin functions table on page 4). On the M-
8870-01 models, this pin is tied to ground (logic low).
Input Configuration
The input arrangement of the M-8870 provides a dif-
ferential input operational amplifier as well as a bias
source (V
REF) to bias the inputs at mid-rail. Provision
is made for connection of a feedback resistor to the
op-amp output (GS) for gain adjustment.
In a single-ended configuration, the input pins are
connected as shown in the Single - Ended Input
Configuration on page 3 with the op-amp connected
for unity gain and V
REF biasing the input at 1/2VDD.
The Differential Input Configuration bellow permits
gain adjustment with the feedback resistor R
5.
DTMF Clock Circuit
The internal clock circuit is completed with the addition
of a standard 3.579545 MHz television color burst crys-
tal. The crystal can be connected to a single M-8870 as
shown in the Single - Ended Input Configuration on
page 3, or to a series of M-8870s. As illustrated in the
Common Crystal Connection below, a single crystal
can be used to connect a series of M-8870s by cou-
pling the oscillator output of each M-8870 through a 30
pF capacitor to the oscillator input of the next M-8870.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU8871FDTMF receiver for telephones 1 2 3 4 5 MoreRohm
IN9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
BU8872DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC7385DTMF Receiver 1 2 3 4 5 MoreSanyo Semicon Device
CD222025V Low Power DTMF Receiver 1 2 3 4 5 MoreIntersil Corporation
IL9270NDTMF signal receiver 1 2 3 4 5 List of Unclassifed Manufacturers
HT9172DTMF Receiver 1 2 3 4 5 MoreHoltek Semiconductor Inc
BU8874DTMF receiver for telephones 1 2 3 4 5 MoreRohm
LC73860DTMF Receiver IC 1 2 3 4 5 MoreSanyo Semicon Device
CD222045V Low Power Subscriber DTMF Receiver 1 2 3 4 5 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl