Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P13LB Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # P13LB
Description  SIDACtor Protection Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P13LB Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  P13LB Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P13LB Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P13LB Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P13LB Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P13LB Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P13LB Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Surge Ratings
Series
Ipp
2x10µs
Ipp
8x20µs
Ipp
10x160µs
Ipp
10x560µs
Ipp
10x1000µs
Ipp
5x320µs
Ipp
5x310µs
Ipp
10x360µs
ITSM
50/60Hz
di/dt
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
150
150
90
50
45
75
75
75
20
500
B
250
250
150
100
80
100
100
125
25
500
Thermal Considerations
Package
DO-15
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Junction to Ambient on prited circuit
90
°C /W
Description of Part Number
P
31
L
A
Ipp Rating(10x1000µs)A=45A B=80A
Package Type(DO-15)
Median Voltage
P=SIDACtor Protection Thyristor
3
Revised:February 25,2014
www.huaandz.com


Similar Part No. - P13LB

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P13LB SOCAY-P13LB Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
More results

Similar Description - P13LB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com