Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA-7131TB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SA-7131TB
Description  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7131TB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SA-7131TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 4Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 5Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7131TB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
CODE FORMAT
No. of positions
16 positions
10 positions
Position
01234567
8
9
ABC
DE
F
●●●●●●●●
●●●●
●●●●
●●
●●
●●
●●
●●●●●●●●
●●●●●●●●
●●●●
●●●●
●●
●●
●●
●●
●●●●●●●●
Code
Real code
8
4
2
1
8
4
2
1
Complemen-
tary code
● …Contact closed
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
SIZE OF P.C.B. PROCESSING
<Top setting>
● A type
● B type
<Low-profile side setting &
forward support terminal type (B type)>
<Side setting>
● A type
● B type
<Low-profile side setting &
sideling support terminal type (B type)>
(Unit: mm)
Note) The zero point is the center
of mounting.
1.6
6
1.27 N (N = 1~4) = 5.08
0.76
1.6
2
10.6
1.27 N (N = 1~4) = 5.08
0.76
2
0
6 – 1.2
2.54
2.54
0
6 – 1.2
2.54
2.54
0
6 – 1.6
2.54
2.54
2.54
0
6 – 1.6
2.54
SA-7000
ROTARY CODED SWITCHES (SMD)
6 –
0.8
φ
2.54
2.54
6 –
0.8
φ
2.54
2.54
<Top setting>
● C type
<Side setting>
● C type
Operating face


Similar Part No. - SA-7131TB

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SA-7131TB COPAL-SA-7131TB Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - SA-7131TB

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com