Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-88L70-01S Datasheet(PDF) 4 Page - Clare, Inc.

Part # M-88L70-01S
Description  3V DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M-88L70-01S Datasheet(HTML) 4 Page - Clare, Inc.

  M-88L70-01S Datasheet HTML 1Page - Clare, Inc. M-88L70-01S Datasheet HTML 2Page - Clare, Inc. M-88L70-01S Datasheet HTML 3Page - Clare, Inc. M-88L70-01S Datasheet HTML 4Page - Clare, Inc. M-88L70-01S Datasheet HTML 5Page - Clare, Inc. M-88L70-01S Datasheet HTML 6Page - Clare, Inc. M-88L70-01S Datasheet HTML 7Page - Clare, Inc. M-88L70-01S Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
M-88L70
Rev. 1
Parameter
Symbol
Value
Power supply voltage
V
DD
6.0 V max
(V
DD - VSS)
Voltage on any pin
V
dc
V
SS -0.3 Min,
V
DD +0.3 Max
Current on any pin
I
DD
10 mA max
Operating temperature
T
A
-40˚C to + 85˚C
Storage temperature
T
S
-65˚C to + 150˚C
Note:
Exceeding these ratings may cause permanent damage. Functional operation under these condi-
tions is not implied.
Table 4 DC Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Operating supply voltage
V
DD
2.7
3.0
3.6
V
Operating supply current
I
DD
-
3.0
5.0
mA
Standby supply current
I
DDS
-
5.0
10
µA
PD=V
DD
Power consumption
P
O
-9
18
mW
Low level input voltage
V
IL
-v
-
1.0
V
V
DD = 3.0 V
High level input voltage
V
IH
2--
V
V
DD = 3.0 V
Input leakage current
I
IH/IIL
-
0.1
-
µAV
IN = VSS or VDD (see Note 2)
Pullup (source) current on OE
I
SO
-12
-
-
µA
OE = 0 V
Pull down (sink) Curent PD
I
PD
-
1.0
45
µA
PD = 3.0 V
Pull down (sink) Current INH
I
INH
-
1.0
45
µA
INH = 3.0 V
Input impedance, signal inputs 1, 2
R
IN
-10
-
M
@ 1 kHz
Steering threshold voltage
V
TSt
-
1.5
-
V
Low level output voltage
V
OL
-
0.1
0.4
V
I
OL = 1.0 mA
High level output voltage
V
OH
2.4
2.6
-
V
I
OH = -400 mA
Output high (source) current
I
OH
1.0
-
mA
V
OUT = 2.5 V @ VDD = 2.7 V
Output voltage V
REF
V
REF
-
1.5
-
V
No load
Output resistance V
REF
R
OR
-10
-
k
Notes:
1. All voltages referenced to V
SS unless otherwise noted. For typical values, VDD = 3.0 V + 20%/-10%, VSS = 0 V, TA = 25˚C
2. Input pins defined as IN+, IN-, and OE.
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent dam-
age to the device. Functional operation of the device at
these or any other conditions beyond those indicated in
the operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and
effect its reliability.
Absolute Maximum Ratings


Similar Part No. - M-88L70-01S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-8870 CLARE-M-8870 Datasheet
301Kb / 9P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
Clare, Inc.
M-8870-01 CLARE-M-8870-01 Datasheet
301Kb / 9P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870-01 ETC2-M-8870-01 Datasheet
255Kb / 8P
   DTMF Receiver
logo
Clare, Inc.
M-8870-01 CLARE-M-8870-01 Datasheet
307Kb / 9P
   DTMF Receiver
More results

Similar Description - M-88L70-01S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com