Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCWL2016101R0MTF Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SCWL2016101R0MTF
Description  Wire-wound Type Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCWL2016101R0MTF Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SCWL2016101R0MTF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCWL2016101R0MTF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCWL2016101R0MTF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCWL2016101R0MTF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCWL2016101R0MTF Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wire-wound Type Power Inductor
Revision February 12, 2014
4 / 5
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCWL201610 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Reflow Condition
Pb free assembly
-Temperature Min (Ts(min))
+150
°C
-Temperature Max (Ts(max))
+200
°C
Pre Heat
-Time (min to max) (TS)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/Second Max
TS(max) to TL - Ramp-up Rate
3
°C/Second Max
- Temperature (TL) (Liquidus)
+217
°C
Reflow
- Time (min to max) (TL)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time within 5
°C of actual peak
Temperature (TP)
20-40 Seconds
Ramp-down Rate
6
°C/Second Max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Note that this product will be easily damaged by rapid heating,
rapid cooling or local heating.
Do not give heat shock over 100
°C in the process of soldering.
We recommend to take preheating and gradual cooling
Soldering gun procedure
Note the follows, in case of using solder gun for replacement.
1) The tip temperature must be less than 280 for the period
within 3 seconds by using soldering gun under 30W
2) The soldering gun tip shall not touch this product directly.
Soldering volume
Note that excess of soldering volume will easily get crack the
body of this product.
Core Material: Iron
End termination: Ni / Sn
Unit: mm
L
W
T
E
Do not exceed to bend the board after soldering this product
extremely. (reference examples)
l Mounting place must be as far as possible from the
position, which is close to the break line of board, or on the
line of large holes of board.
l Do not bend extremely the board, in mounting another
component. If necessary, use back-up pin (support pin) to
prevent from bending extremely.
l Do not break the board by hand. We recommend to use
the machine or the jig to break it.
2.0
±0.2
1.6
±0.2
1.0 Max
0.5
±0.3
A
B
C
0.9
2.0
1.6
Unit: mm
Soldering Parameters
Precaution for Soldering
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
Construction & Dimensions
Precaution for Handling of Substrate
Recommended Pad Layout
L
T
E
E
W


Similar Part No. - SCWL2016101R0MTF

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL2520101R0MTF SOCAY-SCWL2520101R0MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL2520101R0YTFQ SOCAY-SCWL2520101R0YTFQ Datasheet
510Kb / 4P
   Wire-wound Type Power Inductor
SCWL2520101R5YTFQ SOCAY-SCWL2520101R5YTFQ Datasheet
510Kb / 4P
   Wire-wound Type Power Inductor
SCWL2520102R2MTF SOCAY-SCWL2520102R2MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL2520102R2MTFQ SOCAY-SCWL2520102R2MTFQ Datasheet
510Kb / 4P
   Wire-wound Type Power Inductor
More results

Similar Description - SCWL2016101R0MTF

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R47YTFQ SOCAY-SCWL252010R47YTFQ Datasheet
510Kb / 4P
   Wire-wound Type Power Inductor
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47YTFQ SOCAY-SCWL252012R47YTFQ Datasheet
510Kb / 6P
   Wire-wound Type Power Inductor
SCWL252012R47MTF SOCAY-SCWL252012R47MTF Datasheet
204Kb / 5P
   Wire-wound Type Power Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Manufacturing Co...
LQH5BPN1R5NT0L MURATA-LQH5BPN1R5NT0L Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com