Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCPB1608S600QPF Datasheet(PDF) 6 Page - Socay Electornics Co., Ltd.

Part # SCPB1608S600QPF
Description  Chip Ferrite Bead for High Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCPB1608S600QPF Datasheet(HTML) 6 Page - Socay Electornics Co., Ltd.

  SCPB1608S600QPF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCPB1608S600QPF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCPB1608S600QPF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCPB1608S600QPF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCPB1608S600QPF Datasheet HTML 5Page - Socay Electornics Co., Ltd. SCPB1608S600QPF Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Chip Ferrite Bead for High Current
Revision February 13, 2014
6 / 6
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCPB-S Series
SOCAY Electronics Co., Ltd.
www.socay.com
Unit: mm
Part Size(EIA Size)
Packaging Option
Quantity
1005 (0402)
7
″Reel
10,000
1608 (0603)
7
″Reel
4,000
2012 (0805)
7
″Reel
4,000
3216 (1206)
7
″Reel
3,000
3225 (1210)
7
″Reel
2,000
4516 (1806)
7
″Reel
2,000
4532 (1812)
7
″Reel
1,000
The Contents of a box:
1005 (0402): 6 reels / inner box
1608 (0603): 6 reels / inner box
2012 (0805): 6 reels / inner box
3216 (1206): 6 reels / inner box
3225 (1210): 6 reels / inner box
4516 (1806): 4 reels / inner box
4532 (1812): 4 reels / inner box
Test item
Test condition
Criteria
Temperature Cycle
a. Temperature : -40 ~ +85℃
b. Cycle : 100 cycles
c. Dwell time : 30minutes
Measurement : at ambient temperature 24 hrs after
test completion
a. No mechanical damage
b. Induction value should be within
±20 % of the initial value
Operational Life
a. Temperature : 125
±5
℃℃
b. Test time : 1000 hrs
c. Apply current : full rated current
Measurement : at ambient temperature 24 hrs after
test completion
a. No mechanical damage
b. Induction value should be within
±20 % of the initial value
Biased Humidity
a. Temperature : 40
±2
℃℃
b. Humidity : 90 ~ 95 % RH
c. Test time : 1000 hrs
d. Apply current : full rated current
Measurement : at ambient temperature 24 hrs after
test completion
a. No mechanical damage
b. Induction value should be within
±20 % of the initial value
Resistance to Solder Heat
a. Solder temperature : 260
±5℃
b. Flux : Rosin
c. DIP time : 10
±1 sec
a. More than 95 % of terminal
electrode should be covered with
new solder
b. No mechanical damage
c. Induction value should be within
±20 % of the initial value
Adhesive Test
a. Reflow temperature : 245
It shall be Soldered on
the substrate applying direction parallel to the
substrate
b. Apply force(F) : 5 N Test time : 10 sec
a. No mechanical damage
b. Soldering the products on PCB after
the pulling test force > 5 N
Rated Current Test
a.
Apply current : full rated current / 5min
Temperature rise should be less than
25℃
Steam Aging Test
a. Temperature : 93℃
b. Test time : 4hrs
Others: 8hrs
c. Solder temperature : 235
±5℃
d. Flux : Rosin
e. DIP time : 5
±1 sec
More than 95 % of terminal electrode
should be covered with new solder
Reel Specifications & Packaging
Reliability and Test Condition


Similar Part No. - SCPB1608S600QPF

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCPB1608W121NPF SOCAY-SCPB1608W121NPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCPB1608W181MPF SOCAY-SCPB1608W181MPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCPB1608W221MPF SOCAY-SCPB1608W221MPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCPB1608W300LPF SOCAY-SCPB1608W300LPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
SCPB1608W301MPF SOCAY-SCPB1608W301MPF Datasheet
248Kb / 7P
   Chip Ferrite Bead for Automotive Applications
More results

Similar Description - SCPB1608S600QPF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
logo
List of Unclassifed Man...
MLB160808 ETC2-MLB160808 Datasheet
4Mb / 11P
   MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com