Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ12CA Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ12CA
Description  600 Watts Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ12CA Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ12CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ12CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ12CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ12CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ12CA Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ12CA Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ14
SMBJ14C
LH
BH
14
15.6
19.8
1.0
25.8
23.3
5.0
SMBJ14A
SMBJ14CA
LK
BK
14
15.6
17.9
1.0
23.2
25.9
5.0
SMBJ15
SMBJ15C
LL
BL
15
16.7
21.1
1.0
26.9
22.3
5.0
SMBJ15A
SMBJ15CA
LM
BM
15
16.7
19.2
1.0
24.4
24.6
5.0
SMBJ16
SMBJ16C
LN
BN
16
17.8
22.6
1.0
28.8
20.8
5.0
SMBJ16A
SMBJ16CA
LP
BP
16
17.8
20.5
1.0
26.0
23.1
5.0
SMBJ17
SMBJ17C
LQ
BQ
17
18.9
23.9
1.0
30.5
19.7
5.0
SMBJ17A
SMBJ17CA
LR
BR
17
18.9
21.7
1.0
27.6
21.7
5.0
SMBJ18
SMBJ18C
LS
BS
18
20.0
25.3
1.0
32.2
18.6
5.0
SMBJ18A
SMBJ18CA
LT
BT
18
20.0
23.3
1.0
29.2
20.5
5.0
SMBJ20
SMBJ20C
LU
BU
20
22.2
28.1
1.0
35.8
16.8
5.0
SMBJ20A
SMBJ20CA
LV
BV
20
22.2
25.5
1.0
32.4
18.5
5.0
SMBJ22
SMBJ22C
LW
BW
22
24.4
30.9
1.0
39.4
15.2
5.0
SMBJ22A
SMBJ22CA
LX
BX
22
24.4
28.0
1.0
35.5
16.9
5.0
SMBJ24
SMBJ24C
LY
BY
24
26.7
33.8
1.0
43.0
14.0
5.0
SMBJ24A
SMBJ24CA
LZ
BZ
24
26.7
30.7
1.0
38.9
15.4
5.0
SMBJ26
SMBJ26C
MD
CD
26
28.9
36.6
1.0
46.6
12.9
5.0
SMBJ26A
SMBJ26CA
ME
CE
26
28.9
33.2
1.0
42.1
14.3
5.0
SMBJ28
SMBJ28C
MF
CF
28
31.1
39.4
1.0
50.0
12.0
5.0
SMBJ28A
SMBJ28CA
MG
CG
28
31.1
35.8
1.0
45.4
13.2
5.0
SMBJ30
SMBJ30C
MH
CH
30
33.3
42.2
1.0
53.5
11.2
5.0
SMBJ30A
SMBJ30CA
MK
CK
30
33.3
38.3
1.0
48.4
12.4
5.0
SMBJ33
SMBJ33C
ML
CL
33
36.7
46.5
1.0
59.0
10.2
5.0
SMBJ33A
SMBJ33CA
MM
CM
33
36.7
42.2
1.0
53.3
11.3
5.0
SMBJ36
SMBJ36C
MN
CN
36
40.0
50.7
1.0
64.3
9.3
5.0
SMBJ36A
SMBJ36CA
MP
CP
36
40.0
46.0
1.0
58.1
10.3
5.0
SMBJ40
SMBJ40C
MQ
CQ
40
44.4
56.3
1.0
71.4
8.4
5.0
SMBJ40A
SMBJ40CA
MR
CR
40
44.4
51.1
1.0
64.5
9.3
5.0
SMBJ43
SMBJ43C
MS
CS
43
47.8
60.5
1.0
76.7
7.8
5.0
SMBJ43A
SMBJ43CA
MT
CT
43
47.8
54.9
1.0
69.4
8.6
5.0
SMBJ45
SMBJ45C
MU
CU
45
50.0
63.3
1.0
80.3
7.5
5.0
SMBJ45A
SMBJ45CA
MV
CV
45
50.0
57.5
1.0
72.7
8.3
5.0
SMBJ48
SMBJ48C
MW
CW
48
53.3
67.5
1.0
85.5
7.0
5.0
SMBJ48A
SMBJ48CA
MX
CX
48
53.3
61.3
1.0
77.4
7.8
5.0
SMBJ51
SMBJ51C
MY
CY
51
56.7
71.8
1.0
91.1
6.6
5.0
SMBJ51A
SMBJ51CA
MZ
CZ
51
56.7
65.2
1.0
82.4
7.3
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
http://www.luguang.cn
Email:lge@luguang.cn
SMBJ SERIES
600 Watts Surface Mount
Transient Voltage Suppressor


Similar Part No. - SMBJ12CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ12CA BYTES-SMBJ12CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMBJ12CA UMW-SMBJ12CA Datasheet
628Kb / 4P
   5V-188V 600W
logo
Socay Electornics Co., ...
SMBJ12CA SOCAY-SMBJ12CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
MDE Semiconductor, Inc.
SMBJ12CA MDE-SMBJ12CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMBJ12CA HUAXINAN-SMBJ12CA Datasheet
450Kb / 6P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ12CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com